Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572LX Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 66Page - STMicroelectronics SPC572LX Datasheet HTML 67Page - STMicroelectronics SPC572LX Datasheet HTML 68Page - STMicroelectronics SPC572LX Datasheet HTML 69Page - STMicroelectronics SPC572LX Datasheet HTML 70Page - STMicroelectronics SPC572LX Datasheet HTML 71Page - STMicroelectronics SPC572LX Datasheet HTML 72Page - STMicroelectronics SPC572LX Datasheet HTML 73Page - STMicroelectronics SPC572LX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
Electrical characteristics
SPC572Lx
70/112
DocID027866 Rev 5
3.17
AC specifications
3.17.1
Debug and calibration interface timing
3.17.1.1
JTAG interface timing
Table 38. JTAG pin AC electrical characteristics (1)(2)
#
Symbol
C
Characteristic
Value
Unit
Min
Max
1tJCYC
CC
D
TCK cycle time
100
—
ns
2tJDC
CC
T
TCK clock pulse width
40
60
%
3tTCKRISE
CC
D
TCK rise and fall times (40%–70%)
—
3
ns
4tTMSS, tTDIS
CC
D
TMS, TDI data setup time
5
—
ns
5tTMSH, tTDIH
CC
D
TMS, TDI data hold time
5
—
ns
6tTDOV
CC
D
TCK low to TDO data valid
—
16(3)
ns
7tTDOI
CC
D
TCK low to TDO data invalid
0
—
ns
8tTDOHZ
CC
D
TCK low to TDO high impedance
—
15
ns
9tJCMPPW
CC
D
JCOMP assertion time
100
—
ns
10
tJCMPS
CC
D
JCOMP setup time to TCK low
40
—
ns
11
tBSDV
CC
D
TCK falling edge to output valid
—
600(4)
ns
12
tBSDVZ
CC
D
TCK falling edge to output valid out of high
impedance
—
600
ns
13
tBSDHZ
CC
D
TCK falling edge to output high impedance
—
600
ns
14
tBSDST
CC
D
Boundary scan input valid to TCK rising edge
15
—
ns
15
tBSDHT
CC
D
TCK rising edge to boundary scan input invalid
15
—
ns
1. These specifications apply to JTAG boundary scan only. See Table 39 for functional specifications.
2. JTAG timing specified at VDD_HV_IO_JTAG = 4.0 V to 5.5 V, and maximum loading per pad type as specified in the I/O
section of the datasheet.
3. Timing includes TCK pad delay, clock tree delay, logic delay and TDO output pad delay.
4. Applies to all pins, limited by pad slew rate. Refer to IO delay and transition specification and add 20 ns for JTAG delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com