Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572LX Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 82Page - STMicroelectronics SPC572LX Datasheet HTML 83Page - STMicroelectronics SPC572LX Datasheet HTML 84Page - STMicroelectronics SPC572LX Datasheet HTML 85Page - STMicroelectronics SPC572LX Datasheet HTML 86Page - STMicroelectronics SPC572LX Datasheet HTML 87Page - STMicroelectronics SPC572LX Datasheet HTML 88Page - STMicroelectronics SPC572LX Datasheet HTML 89Page - STMicroelectronics SPC572LX Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 112 page
background image
Electrical characteristics
SPC572Lx
86/112
DocID027866 Rev 5
Figure 33. DSPI Slave Mode - Modified transfer format timing (MFTE = 0/1) —
CPHA = 0
11
tSUO
CC
D
SOUT Valid Time(2),(3),(4)
(after SCK edge)
Very Strong
25 pF
—
30
ns
Strong
50 pF
—
30
ns
Medium
50 pF
—
55
ns
12
tHO
CC
D
SOUT Hold Time(2),(3),(4)
(after SCK edge)
Very Strong
25 pF
2.5
—ns
Strong
50 pF
2.5
—ns
Medium
50 pF
2.5
—ns
1. DSPI slave operation is only supported for a single master and single slave on the device. Timing is valid for that case only.
2. Input timing assumes an input slew rate of 1 ns (10% - 90%) and uses TTL / Automotive voltage thresholds.
3. All timing values for output signals in this table, are measured to 50% of the output voltage.
4. All output timing is worst case and includes the mismatching of rise and fall times of the output pads.
Table 45. DSPI CMOS Slave timing - Modified Transfer Format (MTFE = 0/1)(1) (continued)
#
Symbol
C
Characteristic
Condition
Min
Max
Unit
Pad Drive
Load
Last Data
First Data
Data
Data
SIN
SOUT
SS
SCK Input
First Data
Last Data
SCK Input
(CPOL=0)
(CPOL=1)
tSCK
tA
tDIS
tSDC
tSDC
tCSC
tASC
tSUI
tHI
tSUO
tHO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com