Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572LX Datasheet(PDF) 87 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 87 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 83Page - STMicroelectronics SPC572LX Datasheet HTML 84Page - STMicroelectronics SPC572LX Datasheet HTML 85Page - STMicroelectronics SPC572LX Datasheet HTML 86Page - STMicroelectronics SPC572LX Datasheet HTML 87Page - STMicroelectronics SPC572LX Datasheet HTML 88Page - STMicroelectronics SPC572LX Datasheet HTML 89Page - STMicroelectronics SPC572LX Datasheet HTML 90Page - STMicroelectronics SPC572LX Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
DocID027866 Rev 5
87/112
SPC572Lx
Electrical characteristics
111
Figure 34. DSPI Slave Mode - Modified transfer format timing (MFTE = 0/1) —
CPHA = 1
3.17.3
FEC timing
3.17.3.1
RMII serial management channel timing (MDIO and MDC)
The FEC functions correctly with a maximum MDC frequency of 2.5 MHz.
Last Data
Last Data
SIN
SOUT
SS
First Data
First Data
Data
Data
SCK Input
SCK Input
(CPOL=0)
(CPOL=1)
tA
tDIS
tSUI
tHI
tSUO
tHO
Table 46. RMII serial management channel timing(1)
Symbol
C
Characteristic
Value
Unit
Min
Max
M10
CC
D MDC falling edge to MDIO output invalid
(minimum propagation delay)
0—
ns
M11
CC
D MDC falling edge to MDIO output valid
(maximum propagation delay)
—25
ns
M12
CC
D MDIO (input) to MDC rising edge setup
10
—
ns
M13
CC
D MDIO (input) to MDC rising edge hold
0
—
ns
M14
CC
D MDC pulse width high
40%
60%
MDC period
M15
CC
D MDC pulse width low
40%
60%
MDC period
1. All timing specifications are referenced from MDC = 1.4 V (TTL levels) to the valid input and output levels, 0.8 V and 2.0 V
(TTL levels). For 5 V operation, timing is referenced from MDC = 50% to 2.2 V/3.5 V input and output levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com