Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC572LX Datasheet(PDF) 104 Page - STMicroelectronics

Part # SPC572LX
Description  32-bit Power Architecture® based MCU for automotive powertrain applications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC572LX Datasheet(HTML) 104 Page - STMicroelectronics

Back Button SPC572LX Datasheet HTML 100Page - STMicroelectronics SPC572LX Datasheet HTML 101Page - STMicroelectronics SPC572LX Datasheet HTML 102Page - STMicroelectronics SPC572LX Datasheet HTML 103Page - STMicroelectronics SPC572LX Datasheet HTML 104Page - STMicroelectronics SPC572LX Datasheet HTML 105Page - STMicroelectronics SPC572LX Datasheet HTML 106Page - STMicroelectronics SPC572LX Datasheet HTML 107Page - STMicroelectronics SPC572LX Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 112 page
background image
Revision history
SPC572Lx
104/112
DocID027866 Rev 5
03-Apr-2013
2
(cont.)
Table 25 (SARn ADC electrical specification):
Row VDD_HV_ADR_S removed.
In row V
IN Max Value cell changed to V
DD_HV_ADR (was VDD_HV_ADR_S)
In row TUE12 updated conditions
In row TUE10 changed Characteristic for both conditions to T and updated conditions
In row VALTREF changed the Parameter Classification to C (was P).
Added phrase For parameters classified as T and D. to footnote TUE and DNL...
Table 26 (SDn ADC electrical specification)
In row f
IN - changed Parameter Classification for both conditions to D (was P)
Removed rows – VDD_HV_ADV, VSS_HV_ADR_D, VDD_HV_ADR_D
For VIN_PK2PK (Input range peak to peak VIN_PK2PK =VINP –VINM) corrected GAIN
condition for Single ended – VINM =0.5*VDD_HV_ADR_D GAIN = 2,4,8,16.
In
δGROUP condition OSR = 75, changed Max Value to 596.
Added footnote VINM is the input voltage applied to the negative terminal of the SDADC.
For rows SNRDIFF150, SNRDIFF333 and SNRSE150 added footnote SNR degradated by
3dB, in the range 3.6 V< VDD_HV_ADV < 5.5 V.
Table 27 (Temperature sensor electrical characteristics):
In row ITEMP_SENS changed description to VDD_HV_ADV power supply current.
Section 3.15.2, Main voltage regulator electrical characteristics:
Changed HV and BV supply voltage descriptions.
Table 31 (Voltage regulator electrical characteristics):
Updated all values.
Figure 19 (Voltage monitor threshold definition):
Reworked diagram
Table 32 (Voltage monitor electrical characteristics):
Refomatted table and updated all content.
Table 34 (Functional terminals state during power-up and reset):
in TERMINAL ERROR row removed Comments.
Section 3.16, Flash memory electrical characteristics:
Added content relating to Flash read wait states and added Table 35 (RWSC settings).
Table 36 (Flash memory program and erase specifications (pending silicon
characterization)):
Updated footnotes, parameter classifications, Initial Max 25 °C values, Initial max
parameter classifications and Typical end of life values.
Added rows tpprogrameep and tqprogrameep
In Rows t16kprogrameep and t16keraseeep changed partition information to partition 1.
Table 41 (DSPI CMOS master classic timing (full duplex and output only) – MTFE = 0,
CPHA = 0 or 1)
Changed footnote Maximum frequency is 100 MHz to Maximum frequency is 80 MHz.
Table 42 (DSPI CMOS master modified timing (full duplex and output only) – MTFE = 1,
CPHA = 0 or 1)
Changed footnote Maximum frequency is 100 MHz to Maximum frequency is 80 MHz.
Table 49 (DSPI LVDS slave timing – full duplex – modified transfer format
(MTFE = 0/1)):
Changed footnote Maximum frequency is 100 MHz to Maximum frequency is 80 MHz.
Table 49 (UART frequency support):
Added row clock frequency 100.
Section 4.2: eTQFP80 case drawing
Added mechanical drawings.
Section 4.3: eTQFP100 case drawing
Added mechanical drawings.
Table 53 (Thermal characteristics for eTQFP80):
Table 55. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com