Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TV02K Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 40Page - STMicroelectronics ST25TV02K Datasheet HTML 41Page - STMicroelectronics ST25TV02K Datasheet HTML 42Page - STMicroelectronics ST25TV02K Datasheet HTML 43Page - STMicroelectronics ST25TV02K Datasheet HTML 44Page - STMicroelectronics ST25TV02K Datasheet HTML 45Page - STMicroelectronics ST25TV02K Datasheet HTML 46Page - STMicroelectronics ST25TV02K Datasheet HTML 47Page - STMicroelectronics ST25TV02K Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
Response parameter:
No parameter
Table 70. Lock AFI response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
Error code as Error_flag is set
03h: command option is not supported
11h: the specified block is already locked and thus cannot be locked again
14h: the specified block was not successfully locked
Figure 18. Lock AFI frame exchange between VCD and ST25TV02K/512
SOF
Lock AFI
request
VCD
EOF
ST25TV02K/512
t1
SOF
Lock AFI
response
EOF
SOF
EOF
ST25TV02K/512
Wt
Lock sequence
when error
Lock AFI
response
6.4.14
Write DSFID
On receiving the Write DSFID request, the ST25TV02K/512 program the 8-bit DSFID value to its memory. When
the Option_flag is set, wait for EOF to respond.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the
ST25TV02K/512 may not write correctly the DSFID value in memory. The Wt time is equal to t1nom + N ×
302 µs (N is an integer).
Table 71. Write DSFID request format
Request SOF
Request_flags
Write DSFID
UID (1)
DSFID
CRC16
Request EOF
-
8 bits
29h
64 bits
8 bits
16 bits
-
1. The field is optional.
MS60271V1Request parameter:
Request flags
UID (optional)
DSFID
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 44/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com