Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TV02K Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 28Page - STMicroelectronics ST25TV02K Datasheet HTML 29Page - STMicroelectronics ST25TV02K Datasheet HTML 30Page - STMicroelectronics ST25TV02K Datasheet HTML 31Page - STMicroelectronics ST25TV02K Datasheet HTML 32Page - STMicroelectronics ST25TV02K Datasheet HTML 33Page - STMicroelectronics ST25TV02K Datasheet HTML 34Page - STMicroelectronics ST25TV02K Datasheet HTML 35Page - STMicroelectronics ST25TV02K Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
Lock DSFID, used to lock the DSFID register.
Get System information, used to provide the standard system information values.
Write Password, used to update the 32 or 64 bit of the selected areas or configuration password, but only
after presenting the current one.
Lock Block, used to lock any user blocks.
Present Password, enables the user to present a password to open a security session.
Fast Read Single Block, used to output the 32 bits of the selected block and its locking status at doubled
data rate.
Fast Read Multiple Blocks, used to output the selected blocks in one or multiple areas providing the
access rights are granted at doubled data rate.
Get multiple block security status, used to send the security status of the selected block.
Initiate, used to trigger the tag response to the Inventory Initiated sequence.
Inventory Initiated, used to perform the anti-collision sequence triggered by the Initiate command.
Fast Initiate, used to trigger the tag response to the Fast Inventory Initiated sequence (fast commands are
with higher data rate).
Fast Inventory Initiated, used to perform the anti-collision sequence triggered by the Fast Initiate
command.
Inventory read performs anti-collision sequence then output selected blocks
Fast Inventory read performs inventory command then execute a read with data returned at doubled data
rate.
Lock Kill, used to lock the Kill or untraceable mode password.
Kill, used to definitively deactivate the tag.
Set EAS, activates the EAS feature if the EAS feature is not locked. (Not protected by password or locked)
Reset EAS, deactivates the EAS feature if the EAS feature is not locked. (not protected by password or
locked)
Enable EAS, ST25TV02K/512 answer to this command only if EAS state is set. Response will include the
EAS Telegram (32 up to 256 bits depending on the EAS config)
Write EAS ID writes a new EAS identifier Number. (Protected by configuration password).
Write EAS CONFIG, used to configure the EAS telegram data length with 2bits 00 = 256 bits 01= 128 bits
10 = 64 bits 11= 32 bits (protected by configuration password).
Lock EAS will lock EAS mode: (reset / set) and EAS ID and the EAS Telegram.
Read Configuration used to read the counter values, the tamper detect status, and the number of Area.
Write Configuration allows to enable the counter configuration, clear counter, set number of Area (1 or 2)
and their access rights, and lock the configuration block.
Set Untraceable mode: sets the untraceable mode.
Get Random Number: generates a 16 bit number.
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 32/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com