Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TV02K Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 5Page - STMicroelectronics ST25TV02K Datasheet HTML 6Page - STMicroelectronics ST25TV02K Datasheet HTML 7Page - STMicroelectronics ST25TV02K Datasheet HTML 8Page - STMicroelectronics ST25TV02K Datasheet HTML 9Page - STMicroelectronics ST25TV02K Datasheet HTML 10Page - STMicroelectronics ST25TV02K Datasheet HTML 11Page - STMicroelectronics ST25TV02K Datasheet HTML 12Page - STMicroelectronics ST25TV02K Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
Table 4. System configuration memory map accessible through write_cfg and read_cfg commands
RF access
Static Register
Address
Type
Name
Function
00h
RW (1)
Table 8. A1SS
Area 1 access protection
01h
RW(1)
Table 9. A2SS
Area 2 access protection
02h
RW(1)
Table 17. EAS_SEC
EAS Security
03h
RW(1)
Table 22. CNT_CFG
Counter Configuration
04h
RO
Table 23. CNT_VAL
Counter Value
05h
RO
Table 24. TAMPER_DETECT
Tamper Detect
06h
RW(1)
Table 10. LOCK_CFG
Configuration locked
07h
RO
Table 21. KID
Key identifier
1. Write access is granted if RF configuration security session is open and configuration is not locked (LOCK_CFG register
equals to 0).
Table 5. System configuration memory map for registers accessed through dedicated commands
RF access
Static Register
Address
Type
Name
Function
N/A
WO (1)
Table 25. LOCK_DSFID
DSFID lock status
N/A
WO (2)
Table 26. LOCK_AFI
AFI lock status
N/A
WO(1)
Table 27. DSFID
DSFID value
N/A
WO(2)
Table 28. AFI
AFI value
N/A
RO
Table 29. IC_REF
IC reference value
N/A
RO
Table 30. UID
Unique identifier, 8 bytes
N/A
WO (3)
Table 7. PWD_KILL
Kill or untraceable password, 4 bytes
N/A
WO (4)
Table 12. PWD_A1
User Area 1 security session password, 4 bytes
N/A
WO(3)
Table 13. PWD_A2
User Area 2 security session password, 4 bytes
N/A
WO(3)
Table 11. PWD_CFG
Configuration security session password, 4 bytes
1. Write access if DSFID is not locked
2. Write access if AFI is not locked.
3. Write access only if not locked.
4. Write access only if corresponding security session is open.
ST25TV02K ST25TV512
System configuration area
DS12074 - Rev 11
page 9/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com