Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TV02K Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 42Page - STMicroelectronics ST25TV02K Datasheet HTML 43Page - STMicroelectronics ST25TV02K Datasheet HTML 44Page - STMicroelectronics ST25TV02K Datasheet HTML 45Page - STMicroelectronics ST25TV02K Datasheet HTML 46Page - STMicroelectronics ST25TV02K Datasheet HTML 47Page - STMicroelectronics ST25TV02K Datasheet HTML 48Page - STMicroelectronics ST25TV02K Datasheet HTML 49Page - STMicroelectronics ST25TV02K Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
Table 75. Lock DSFID response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
No parameter.
Table 76. Lock DSFID response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
Error code as Error_flag is set:
03h: command option is not supported
11h: the specified block is already locked and thus cannot be locked again
14h: the specified block was not successfully locked
Figure 20. Lock DSFID frame exchange between VCD and ST25TV02K/512
SOF
Lock DSFID
request
VCD
EOF
ST25TV02K/512
t1
SOF
Lock DSFID
response
EOF
SOF
EOF
ST25TV02K/512
Wt
Lock sequence
when error
Lock DSFID
response
6.4.16
Get System info
When receiving the Get System Info command, the ST25TV02K/512 send back its information data in the
response. The Option_flag is not supported. The Get System Info can be issued in both Addressed and Non
Addressed modes.
Table 77. Get System info request format
Request SOF
Request_flags
Get System Info
UID (1)
CRC16
Request EOF
-
8 bits
2Bh
64 bits
16 bits
-
1. The field is optional.
Request parameter:
Request flags
UID (optional)
ST25TV02K ST25TV512
RF commands
DS12074 - Rev 11
page 46/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com