Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TV02K Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 19Page - STMicroelectronics ST25TV02K Datasheet HTML 20Page - STMicroelectronics ST25TV02K Datasheet HTML 21Page - STMicroelectronics ST25TV02K Datasheet HTML 22Page - STMicroelectronics ST25TV02K Datasheet HTML 23Page - STMicroelectronics ST25TV02K Datasheet HTML 24Page - STMicroelectronics ST25TV02K Datasheet HTML 25Page - STMicroelectronics ST25TV02K Datasheet HTML 26Page - STMicroelectronics ST25TV02K Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
Bit
Type
WO if AFI not locked
Name
Function
Factory value
b0
LOCK_AFI
0: AFI is not locked
1: AFI is locked
0b
b7-b1
RFU
-
0000000b
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands for the
LOCK_AFI register.
Table 27. DSFID
Bit
Command
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Write DSFID (cmd code 28h)
Type
R always, W if DSFID not locked
Name
Function
Factory value
b7-b0
DSFID
ISO/IEC 15693 Data Storage Format Identifier
00h
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands for the
DSFID register.
Table 28. AFI
Bit
Command
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Write AFI (cmd code 27h)
Type
R always, W if AFI not locked
Name
Function
Factory value
b7-b0
AFI
ISO/IEC 15693 Application Family Identifier
00h
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands for the
AFI register.
Table 29. IC_REF
Bit
Command
Get System Info (cmd code 2Bh)
Type
RO
Name
Function
Factory value
b7-b0
IC_REF
ISO/IEC 15693 IC Reference
45h
Note:
Refer to Table 5. System configuration memory map for registers accessed through dedicated commands for the
IC_REF register.
Table 30. UID
Bit
Command
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Type
RO
Name
Function
Factory value
ST25TV02K ST25TV512
Device parameter registers
DS12074 - Rev 11
page 23/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com