Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST25TV02K Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 13Page - STMicroelectronics ST25TV02K Datasheet HTML 14Page - STMicroelectronics ST25TV02K Datasheet HTML 15Page - STMicroelectronics ST25TV02K Datasheet HTML 16Page - STMicroelectronics ST25TV02K Datasheet HTML 17Page - STMicroelectronics ST25TV02K Datasheet HTML 18Page - STMicroelectronics ST25TV02K Datasheet HTML 19Page - STMicroelectronics ST25TV02K Datasheet HTML 20Page - STMicroelectronics ST25TV02K Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 90 page
background image
5.5
Electronic article surveillance (EAS)
5.5.1
EAS registers
Table 17. EAS_SEC
Command
Read Configuration (cmd code A0h) @02h
Write Configuration (cmd code A1h) @02h
Type
R: always possible
W: if RF configuration security session is open (the proper configuration password has been
presented before) and configuration not locked
Bit
Name
Function
Factory value
b0
W_PROTECTION_EAS
EAS security write protection:
0: EAS parameters are always writable
1: EAS parameters are write protected by configuration password.
In case of lock_EAS command has been previously used, this bit is
don’t care and EAS parameters are non-writable.
0b
b7-b1
RFU
-
0000000b
Note:
Refer to Table 4. System configuration memory map accessible through write_cfg and read_cfg commands for
the AES security activation register.
Table 18. EAS_TELEGRAM register
RF
Command
Enable EAS (cmd code A5h) with option flag set to 0
Enable EAS (cmd code A5h) with option flag set to 1 and mask length ≠ 00h and EAS_ID
Write Single (cmd code 21h) to Blocks [248 to 255] (1)
Read Single blocks at @248 to 255 returns an error.
Type
R: possible with enable EAS command only if set EAS command has been presented before
W: possible under conditions set in the EAS_SEC configuration register and EAS
configuration not locked
Bit
Name
Function
Factory value
b255-b0
EAS_TELEGRAM
Electronic article surveillance telegram.
All bits = 0b
1. Write Single Block at addresses 248 to 255 correspond to EAS blocks 1 to 8 respectively.
5.5.2
EAS ID
Table 19. EAS_ID
RF
Command
Enable EAS (cmd code A5h) with option flag set to 1 and mask length set to 0h
Write EAS ID (cmd code A7h)
Type
R: possible with enable EAS command only if set EAS command has been presented before
W: possible under conditions set in the EAS_SEC configuration register and EAS
configuration not locked
Bit
Name
Function
Factory value
b15-b0
EAS_ID
Electronic article surveillance identifier value.
0000h
ST25TV02K ST25TV512
Electronic article surveillance (EAS)
DS12074 - Rev 11
page 17/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com