Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5675KFF0VMS2R Datasheet(PDF) 28 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 24Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 25Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 26Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 27Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 28Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 29Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 30Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 31Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 9
Package pinouts and signal descriptions
NXP Semiconductors
28
D10
JCOMP
pulldown
not available
GP Slow
VDD_HV_IO
E1
Nexus MDO[0]1
—
not available
GP Slow/Fast
VDD_HV_IO
E4
NMI
pullup
not available
GP Slow
VDD_HV_IO
R232
dramc CLKB
—
—
DRAM CLK
VDD_HV_DRAM
T232
dramc CLK
disabled
—
DRAM CLK
VDD_HV_DRAM
W1
XTALIN
—
not available
Analog Feedthrough
VDD_HV_IO
Y2
RESET
pulldown
not available
Reset
VDD_HV_IO
Y19
TCK3
pullup
not available
GP Slow
VDD_HV_IO
AA1
XTALOUT
—
not available
Analog Feedthrough
VDD_HV_IO
AA2
FCCU_F[0]
disabled
not available
GP Slow/Medium
VDD_HV_IO
AB19
TMS
pullup
not available
GP Slow
VDD_HV_IO
AC18
VREG_CTRL
—
—
Analog Feedthrough
VDD_REG
AC20
RESET_SUP
pulldown
—
Analog Feedthrough
VDD_HV_IO
AC21
VREG_INT_ENABLE
—
—
Analog Feedthrough
VDD_HV_IO
1 Do not connect pin directly to a power supply or ground.
2 PCR234 can be used to control the slew rate of DRAM CLK and DRAM CLKB. See the “System Integration Unit
Lite” chapter of the MPC5675K reference manual.
3 If LBIST is enabled, an external pull between 1K and 100K ohm must be connected from TCK to either power or
ground to avoid LBIST failures.
Table 8. 473 MAPBGA system pins (continued)
Ball
number
Ball name
Weak pull
during reset
Safe mode
default condition
Pad type
Power domain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com