Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5675KFF0VMS2R Datasheet(PDF) 69 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 65Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 66Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 67Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 68Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 69Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 70Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 71Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 72Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 147 page
background image
Electrical characteristics
MPC5675K Microcontroller Data Sheet, Rev. 9
NXP Semiconductors
69
3
Electrical characteristics
3.1
Introduction
This section contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing
specifications for this device.
The “Symbol” column of the electrical parameter and timings tables may contain an additional column containing “SR”, “CC”,
“P”, “C”, “T”, or “D”.
•
“SR” identifies system requirements—conditions that must be provided to ensure normal device operation. An
example is the input voltage of a voltage regulator.
•
“CC” identifies specifications that define normal device operation. Where available, the letters “P”, “C”, “T”, or “D”
replace the letter “CC” and apply to these controller characteristics. They specify how each characteristic is
guaranteed.
— P: parameter is guaranteed by production testing of each individual device.
— C: parameter is guaranteed by design characterization. Measurements are taken from a statistically relevant
sample size across process variations.
— T: parameter is guaranteed by design characterization on a small sample size from typical devices under typical
conditions unless otherwise noted. All values are shown in the typical (“typ”) column are within this category.
— D: parameters are derived mainly from simulations.
3.2
Absolute maximum ratings
Table 11. Absolute maximum ratings1
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1VDD_HV_PMU
SR Voltage regulator supply voltage
—
–0.3
5.52
V
2VSS_HV_PMU
SR Voltage regulator supply ground
—
–0.1
0.1
V
3VDD_HV_IO
SR Input/output supply voltage
—
–0.3
3.633,4
V
4VSS_HV_IO
SR Input/output supply ground
—
–0.1
0.1
V
5VDD_HV_FLA
SR Flash supply voltage
—
–0.3
3.63,4
V
6VSS_HV_FLA
SR Flash supply ground
—
–0.1
0.1
V
7VDD_HV_OSC
SR Crystal oscillator amplifier supply voltage
—
–0.3
3.63,4
V
8VSS_HV_OSC
SR Crystal oscillator amplifier supply ground
—
–0.1
0.1
V
9VDD_HV_PDI
SR PDI interface supply voltage
—
–0.3
3.63,4
V
10
VSS_HV_PDI
SR PDI interface supply ground
—
–0.1
0.1
V
11
VDD_HV_DRAM
5
SR DRAM interface supply voltage
—
–0.3
3.63,4
V
12
VSS_HV_DRAM
SR DRAM interface supply ground
—
–0.1
0.1
V
13
VDD_HV_ADRx
6
SR ADCx high reference voltage
—
–0.3
6.0
V
14
VSS_HV_ADRx
SR ADCx low reference voltage
—
–0.1
0.1
V
15
VDD_HV_ADV
SR ADC supply voltage
—
–0.3
3.633,4
V
16
VSS_HV_ADV
SR ADC supply ground
—
–0.1
0.1
V
17
VDD_LV_COR
SR Core supply voltage digital logic
—
–0.3
1.327
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com