Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5675KFF0VMS2R Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC5675KFF0VMS2R Datasheet HTML 1Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 2Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 3Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 4Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 5Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 6Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 7Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 8Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 147 page
background image
Introduction
MPC5675K Microcontroller Data Sheet, Rev. 9
NXP Semiconductors
5
1.4
Block diagram
Figure 1 shows a top-level block diagram of the MPC5675K device.
Figure 1. MPC5675K block diagram
DMA_1
ADC
– Analog-to-digital converter
BAM
– Boot assist module
CMU
– Clock monitoring unit
CRC
– Cyclic redundancy check unit
CTU
– Cross triggering unit
DSPI
– Deserial serial peripheral interface
EBI
– External bus interface
ECC
– Error correction code
ECSM
– Error correction status module
eDMA
– Enhanced direct memory access controller
FCCU
– Fault collection and control unit
FEC
– Fast Ethernet controller
FlexCAN
– Controller area network controller
FlexPWM
– Pulse width modulator module
FMPLL
– Frequency-modulated phase-locked loop
I2C
– Inter-integrated circuit controller
INTC
– Interrupt controller
IRCOSC
– Internal RC oscillator
JTAG
– Joint Test Action Group interface
MC
– Mode entry, clock, reset, and power modules
mDDR
– Mobile double data rate dynamic RAM
PBRIDGE
– Peripheral bridge
PDI
– Parallel data interface
PIT
– Periodic interrupt timer
PMC
– Power management controller
RC
– Redundancy checker
RTC
– Real time clock
SEMA4
– Semaphore unit
SIUL
– System integration unit Lite
SSCM
– System status and configuration module
STM
– System timer module
SWT
– Software watchdog timer
TSENS
– Temperature sensor
XOSC
– Crystal oscillator
ECSM_0
STM
INTC
Crossbar switch (XBAR_2)
Crossbar switch (XBAR_1)
Memory protection unit
PBRIDGE
Debug
l
PBRIDGE
SEMA4
PDI
DDR Controller
DMA_0
Ethernet
PFLASHC
PFLASHC
SRAM with ECC Logic
SRAM with ECC Logic
PBRIDGE
SWT_0
Crossbar switch (XBAR_0)
Memory protection unit
PMC
Redundancy
Checker[6]
Redundancy
Checker[3]
Redundancy
Checker[4]
Redundancy
Checker[2]
Redundancy
Checker[5]
Nexus
JTAG
Interface
ECSM_1
STM
INTC
SEMA4
SWT_1
PMC
External Bus
2MB Flash with ECC Logic
D-CACHE
e200z7d
Core_1
I-CACHE
VLE
SPE2
MMU
D-CACHE
e200z7d
Core_0
I-CACHE
VLE
SPE2
MMU
Redundancy
Checker[7]
Redundancy
Checker[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com