Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5675KFF0VMS2R Datasheet(PDF) 89 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 85Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 86Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 87Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 88Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 89Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 90Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 91Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 92Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 147 page
background image
Electrical characteristics
MPC5675K Microcontroller Data Sheet, Rev. 9
NXP Semiconductors
89
3.17.3
I/O pad current specifications
The power consumption of an I/O segment is dependent on the usage of the pins on a particular segment. The power
consumption is the sum of all output pin currents for a particular segment. The output pin current can be calculated based on
the voltage, frequency, and load on the pin.
3.17.4
Power Sequence Pin States for GPIO Pads
2
Medium
1
—
15
2
—
12
—
—
40
2.5
—
7
25
1
—
15
4
—
25
—
—
20
2.5
—
7
50
1
—
15
8
—
40
—
—
13
2.5
—
7
100
1
—
15
14
—
70
—
—
7
2.5
—
7
200
3Fast
1
—
6
1
—
4
—
—
72
3
—
40
25
1—6
1.5
—
7
—
—
55
7—
40
50
1—6
3
—
12
—
—
40
7
—
40
100
1—6
5
—
18
—
—
25
7
—
40
200
4
Symmetric
1—8
1
—
5
—
—
50
3—
25
25
5
Pullup/down
(3.6 V max)
—————
7500
——
————
50
1 The values provided in this table are not applicable for PDI and EBI/DRAM interface.
2 Slope at rising/falling edge.
3 Data based on characterization results, not tested in production.
Table 35. I/O pad current specifications
Pad Type
Load
(pF)
Frequency
(MHz)
VDD_HV_IO
(V)
Current
(mA)
GP Slow/Medium
20
4
3.6
0.30
GP Slow/Symmetric
20
10
3.6
0.76
GP Slow/Fast
20
45
3.6
3.40
GP Slow
20
0.5
3.6
0.04
Table 36. Power sequence pin states for GPIO pads
VDD_LV_COR
VDD_HV_IO
Pad Function
Low
Low
Outputs Disabled
Low
High
Outputs Disabled
High
Low
Outputs Disabled
Table 34. GP pads AC electrical characteristics1 (continued)
No.
Pad
Tswitchon1
(ns)
Rise/Fall2
(ns)
Frequency
(MHz)
Current slew3
(mA/ns)
Load drive
(pF)
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com