Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5675KFF0VMS2R Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 68Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 69Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 70Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 71Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 72Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 73Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 74Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 75Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 9
Electrical characteristics
NXP Semiconductors
72
3.4
Thermal characteristics
3.4.1
General notes for specifications at maximum junction temperature
An estimation of the chip junction temperature, TJ, can be obtained from Equation 1:
TJ =TA +(RθJA ×PD)
Eqn. 1
where:
TA
= ambient temperature for the package (oC)
RθJA
= junction to ambient thermal resistance (oC/W)
PD
= power dissipation in the package (W)
The junction to ambient thermal resistance is an industry standard value that provides a quick and easy estimation of thermal
performance. Unfortunately, there are two values in common usage: the value determined on a single layer board and the value
obtained on a board with two planes. For packages such as the PBGA, these values can be different by a factor of two. Which
value is closer to the application depends on the power dissipated by other components on the board. The value obtained on a
single layer board is appropriate for the tightly packed printed circuit board. The value obtained on the board with the internal
planes is usually appropriate if the board has low power dissipation and the components are well separated.
When a heat sink is used, the thermal resistance is expressed in Equation 2 as the sum of a junction to case thermal resistance
and a case to ambient thermal resistance:
Table 13. Thermal characteristics for package options
No.
Symbol
Parameter
Conditions
Value
Unit
BGA
257
BGA
473
1RθJA
CC Thermal resistance junction-to-ambient
natural convection1
1 Junction-to-Ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board
meets JEDEC specification for this package.
Single layer board – 1s
≤ 40
≤ 34 °C/W
2RθJA
CC Thermal resistance junction-to-ambient
natural convection1
Four layer board – 2s2p
≤ 22
≤ 20 °C/W
3RθJMA CC Thermal resistance
junction-to-moving-air ambient1
@ 200 ft./min.,
single layer board – 1s
≤ 32
≤ 26 °C/W
4RθJMA CC Thermal resistance
junction-to-moving-air ambient1
@ 200 ft./min.,
four layer board – 2s2p
≤ 18
≤ 17 °C/W
5RθJB
CC Thermal resistance junction-to-board2
2 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC
specification for the specified package.
—
≤ 10
≤ 10 °C/W
6RθJC
CC Thermal resistance junction-to-case3
3 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate
temperature is used for the case temperature. Reported value includes the thermal resistance of the interface layer.
—
≤ 6
≤ 6
°C/W
7
ΨJT
CC Junction-to-package-top natural
convection4
4 Thermal characterization parameter indicating the temperature difference between the package top and the
junction temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization
parameter is written as Psi-JT.
—
≤ 2
≤ 2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com