Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5675KFF0VMS2R Datasheet(PDF) 84 Page - NXP Semiconductors

Part # MPC5675KFF0VMS2R
Description  MPC5675K Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5675KFF0VMS2R Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button MPC5675KFF0VMS2R Datasheet HTML 80Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 81Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 82Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 83Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 84Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 85Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 86Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 87Page - NXP Semiconductors MPC5675KFF0VMS2R Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 147 page
background image
MPC5675K Microcontroller Data Sheet, Rev. 9
Electrical characteristics
NXP Semiconductors
84
6CS
5
D ADC input sampling capacitance
—
—
— 7.32
pF
7CP1
5
D ADC input pin capacitance 1
—
—
—
2.5
pF
8CP2
5
D ADC input pin capacitance 2
—
—
—
0.8
pF
9RSW1
5
D Channel selection switch resistance
VREF range=4.5to5.5 V
—
—
1.0
k
Ω
10
VREF range=3.0to3.6 V
—
—
1.2
k
Ω
11
RAD
5
D Sample switching resistance
—
—
—
825
Ω
12
IINJ
T Current injection
Current injection on one ADC
input channel, different from
the converted one. Other
parameters stay within
specified limits as long as the
ADC supply stays within its
specified limits due to the
current injection.
–3
—
3
mA
13
INL
P Integral non linearity
—
–3
—
3
LSB
14
DNL
P Differential non linearity6
—–1.0
—
2
LSB
15
OFS
T Offset error
—
–4
—
4
LSB
16
GNE
T Gain error
—
–4
—
4
LSB
17
TUE7
P Total unadjusted error
—
–6
—
6
LSB
18
TUE7
T Total unadjusted error with current injection
—
–6
—
6
LSB
19
SNR
T Signal-to-noise ratio
—
69
—
—
dB
20
THD
T Total harmonic distortion
—
–72
—
—
dB
21 SINAD T Signal-to-noise and distortion
—
65
—
—
dB
22 ENOB
T Effective number of bits
—
10.5
—
—
bits
1 V
DD = 3.3 V, TJ = –40 to +150 °C, unless otherwise specified and analog input voltage from VAGND to VAREF.
2 AD_CK clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
3 During the sample time the input capacitance C
S can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC_S. After the end of
the sample time tADC_S, changes of the analog input voltage have no effect on the conversion result. Values for the
sample clock tADC_S depend on programming.
4 This parameter does not include the sample time t
ADC_S, but only the time for determining the digital result and the time
to load the result register with the conversion result.
5 See Figure 9.
6 No missing codes.
7 When operating the MPC5675K in a switched mode power supply configuration, the specifications for the ADCs under
worst case conditions can be upheld only through the use of averaging back-to-back samples. In the 257 package, 10
samples must be averaged when using ADC 0, 2, or 3. In the 473 package, 5 samples must be averaged. For ADC 1,
due to its close proximity to the PMC, the TUE spec must be increased to +/-10 counts, 10 samples of averaging must
be used in both packages, and the VDD_HV_PMU supply must be below 3.6 V. Better performance can be obtained
with lower VDD_HV_PMU supplies and higher VDD_HV_ADRx supplies. The ADC1 self test limit for the S2 algorithm
needs to be modified by the user to accommodate for the increased TUE limit of +/-10 counts when operating the device
in internal regulation mode. This can be accomplished by reading the current value from the test flash and subtracting
4 counts before storing the value to the ADC1 Self Test Analog Watchdog Register 2 (STAW2R).
Table 24. ADC conversion characteristics (continued)
No.
Symbol
Parameter
Conditions1
Min Typ Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com