Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545HT-IGT/F Datasheet(PDF) 55 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 55 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 51Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 52Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 53Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 54Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 55Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 56Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 57Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 58Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 59Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
Maxim Integrated │ 55
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
CE Interface Description
CE Program
The CE performs the precision computations necessary to
accurately measure energy. These computations include
offset cancellation, phase compensation, product smooth-
ing, product summation, frequency detection, VAR calcula-
tion, sag detection and voltage phase measurement.
The CE program is supplied by Maxim Integrated as a
data image that can be merged with the MPU operational
code for meter applications. Typically, the CE program
provided with the demonstration code covers most appli-
cations and does not need to be modified. Other varia-
tions of CE code are available. Contact your local Maxim
Integrated representative to obtain the appropriate CE
code required for a specific application.
CE Data Format
All CE words are 4 bytes. Unless specified otherwise,
they are in 32-bit two’s complement format
(-1 = 0xFFFFFFFF). Calibration parameters are defined in
flash memory (or external EEPROM) and must be copied
to CE data memory by the MPU before enabling the CE.
Internal variables are used in internal CE calculations.
Input variables allow the MPU to control the behavior of
the CE code. Output variables are outputs of the CE cal-
culations. The corresponding MPU address for the most
significant byte is given by 0x0000 + 4 x CE_address and
by 0x0003 + 4 x CE_address for the least significant byte.
Constants
• Sampling Frequency: 2520.62Hz.
• F0: Frequency of the mains phases (typically 50Hz or
60Hz).
• IMAX: RMS current corresponding to 250mV peak
(176.8 mVRMS) at the inputs IA and IB. IMAX needs
to be adjusted if the preamplifier is activated for the
IAP-IAN inputs. For a 250μΩ shunt resistor, IMAX
becomes 707A (176.8 mVRMS/250FI = 707.2ARMS).
• VMAX: RMS voltage corresponding to 250mV peak at
the VA and VB inputs.
• NACC: Accumulation count for energy measurements
is SUM_SAMPS[12:0]. The duration of the accumu-
lation interval for energy measurements is SUM_
SAMPS[12:0]/FS.
• X: Gain constant of the pulse generators. Its value is
determined by PULSE_FAST and PULSE_SLOW.
• Voltage LSB (for sag threshold) = VMAX x 7.8798
x10-9 V.
The system constants IMAX and VMAX are used by the
MPU to convert internal digital quantities (as used by the
CE) to external, i.e., metering quantities. Their values are
determined by the scaling of the voltage and current sen-
sors used in an actual meter.
Environment
Before starting the CE using the CE_E bit (I/O RAM
0x2106[0]), the MPU has to establish the proper environ-
ment for the CE by implementing the following steps:
• Locate the CE code in flash memory using CE_LCTN[5:0].
• Load the CE data into RAM.
• Establish the equation to be applied in EQU[2:0].
• Establish the number of samples per accumulation
period in SUM_SAMPS[12:0].
• Establish the number of cycles per ADC multiplexer
frame (MUX_DIV[3:0]).
• Apply proper values to MUXn_SEL, as well as proper
selections for DIFFn_E and RMT_E in order to config-
ure the analog inputs.
• Initialize any MPU interrupts, such as CE_BUSY,
XFER_BUSY, or the power failure detection interrupt.
• VMAX = 600V, IMAX = 707A, and kH = 1Wh/pulse are
assumed as default settings
When different CE codes are used, a different set of envi-
ronment parameters need to be established. The exact
NAME
LOCATION RST WK DIR
DESCRIPTION
WAKE_ARM
28B2[5]
0
– R/W Arms the WAKE timer and loads it with WAKE_TMR[7:0]. When SLEEP or LCD_ONLY is asserted by the MPU, the
WAKE timer becomes active.
WF_PB
28B1[3]
–
–
R Indicates that the PB caused the part to wake.
WF_RX
28B1[4]
0
–
R Indicates that RX caused the part to wake.
WF_CSTART
WF_RST
WF_RSTBIT
WF_OVF
WF_ERST
WF_BADVDD
28B0[7]
28B0[6]
28B0[5]
28B0[4]
28B0[3]
28B0[2]
0
1
0
0
0
0
–
R Indicates that the Reset pin, Reset bit, ERST pin, Watchdog timer, the cold start detector, or bad VBAT caused the
part to reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com