Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545HT-IGT/F Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 24Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 25Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 26Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 27Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 28Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 29Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 30Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 31Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 32Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Maxim Integrated │ 28
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Table 6. Special Function Register Map
Table 7. Generic 80515 SFRs: Location and Reset Values
HEX/
BIN
BIT
ADDRESSABLE
BYTE ADDRESSABLE
BIN/
HEX
X000
X001
X010
X011
X100
X101
X110
X111
F8
INTBITS
VSTAT
RCMD
SPI_CMD
FF
F0
B
F7
E8
IFLAGS
EF
E0
A
E7
D8
WDCON
DF
D0
PSW
D7
C8
T2CON
CF
C0
IRCON
C7
B8
IEN1
IP1
S0RELH
S1RELH
PDATA
BF
B0
P3 (DIO12:15)
FLSH_CTL
FLSH_
PGADR
B7
A8
IEN0
IP0
S0RELL
AF
A0
P2 (DIO8:11)
A7
98
S0CON
S0BUF
IEN2
S1CON
S1BUF
S1RELL
EEDATA
EECTRL
9F
90
P1(DIO4:7)
DPS
FLH_
ERASE
97
88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
8F
80
P0 (DIO0:3)
SP
DPL
DPH
DPL1
DPH1
PCON
87
NAME
ADDRESS
RESET VALUE
DESCRIPTION
P0
0x80
0xFF
Port 0
SP
0x81
0x07
Stack Pointer
DPL
0x82
0x00
Data Pointer Low 0
DPH
0x83
0x00
Data Pointer High 0
DPL1
0x84
0x00
Data Pointer Low 1
DPH1
0x85
0x00
Data Pointer High 1
PCON
0x87
0x00
UART Speed Control
TCON
0x88
0x00
Timer/Counter Control
TMOD
0x89
0x00
Timer Mode Control
TL0
0x8A
0x00
Timer 0, low byte
TL1
0x8B
0x00
Timer 1, high byte
TH0
0x8C
0x00
Timer 0, low byte
TH1
0x8D
0x00
Timer 1, high byte
CKCON
0x8E
0x01
Clock Control (Stretch = 1)
P1
0x90
0xFF
Port 1
DPS
0x92
0x00
Data Pointer select Register
S0CON
0x98
0x00
Serial Port 0, Control Register
S0BUF
0x99
0x00
Serial Port 0, Data Buffer
IEN2
0x9A
0x00
Interrupt Enable Register 2
S1CON
0x9B
0x00
Serial Port 1, Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com