Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545HT-IGT/F Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 35Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 36Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 37Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 38Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 39Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 40Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 41Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 42Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Maxim Integrated │ 39
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Figure 11. 71M6545T/HT Typical Operating Circuit Using Locally Connected Sensors
MPU
RTC
TIMERS
IADC0
IADC2
IADC3
VADC9 (VB)
IADC4
IADC5
VADC10 (VC)
IADC6
IADC7
XIN
DIO
VV3P3D
24
XOUT
TX
RX
VV3P3A VV3P3SYS
*IN = OPTIONAL NEUTRAL CURRENT
PB
VBAT_RTC
GNDA
GNDD
TMUX
COMPUTE
ENGINE
NEUTRAL
CURRENT TRANSFORMERS
LOAD
PHASE A
PHASE B
PHASE
C
AMR
ICE
SERIAL PORTS
OSCILLATOR/PLL
MUX AND ADC
DIO, PULSES,
LEDs
RAM
32kHz
DIO
REGULATOR
POWER SUPPLY
71M6545T
71M6545HT
TEMPERATURE
SENSOR
VREF
RTC
BATTERY
PWR MODE
CONTROL
IADC1
VADC8 (VA)
IA
IB
IC
IN*
BATTERY
MONITOR
SPI INTERFACE
HOST
SPI_CKI
SPI_DI
SPI_DO
SPI_CSZ
XFER_BUSY
SAG
NEUTRAL
NOTE: THIS SYSTEM IS REFERENCED TO NEUTRAL
I2C OR µWIRE
EEPROM
3.3VDC
PULSES
WPULSE
XPULSE
RPULSE
YPULSE
FLASH
MEMORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com