Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545HT-IGT/F Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 36Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 37Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 38Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 39Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 40Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 41Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 42Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 43Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Maxim Integrated │ 40
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Figure 12. 71M6545T/HT Typical Operating Circuit Using Remote Neutral Current Sensor
VV3P3A VV3P3SYS
VBAT_RTC
GNDA
GNDD
RAM
REGULATOR
POWER SUPPLY
71M6545T
71M6545HT
TEMPERATURE
SENSOR
VREF
PWR MODE
CONTROL
BATTERY
MONITOR
IADC0
VADC9 (VB)
IADC4
IADC5
VADC8 (VA)
IADC2
IADC3
NEUTRAL
SHUNT CURRENT SENSORS
LOAD
C
B
A
MUX AND ADC
IADC1
VADC10 (VC)
IADC6
IADC7
IN*
IC
IB
IA
NOTE: THIS SYSTEM IS
REFERENCED TO NEUTRAL
NEUTRAL
71M6xx3
*IN = OPTIONAL NEUTRAL CURRENT
PB
AMR
FLASH
MEMORY
ICE
TX
RX
SERIAL PORTS
TMUX
COMPUTE
ENGINE
MPU
RTC
TIMERS
RAM
SPI INTERFACE
RTC
BATTERY
XIN
DIO
VV3P3D
24
XOUT
OSCILLATOR/PLL
DIO, PULSES,
LEDs
32kHz
DIO
I2C OR µWIRE
EEPROM
3.3VDC
PULSES
WPULSE
XPULSE
RPULSE
YPULSE
HOST
SPI_CKI
SPI_DI
SPI_DO
SPI_CSZ
XFER_BUSY
SAG
71M6xx3
71M6xx3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com