Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545HT-IGT/F Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 18Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 19Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 20Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 21Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 22Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 23Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 24Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 25Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
Maxim Integrated │ 22
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Delay Compensation
When measuring the energy of a phase (i.e., Wh and
VARh) in a service, the voltage and current for that phase
must be sampled at the same instant. Otherwise, the
phasedifference,Ф,introduceserrors.
delay
delay
t
360
t
f 360
T
ϕ =
⋅° =
⋅ ⋅°
Where f is the frequency of the input signal, T = 1/f and
tdelay is the sampling delay between current and voltage.
Traditionally, sampling is accomplished by using two A/D
converters per phase (one for voltage and the other one
for current) controlled to sample simultaneously. Our
Single Converter Technology, however, exploits the 32-bit
signal processing capability of its CE to implement “con-
stant delay” allpass filters. The allpass filter corrects for
the conversion time difference between the voltage and
the corresponding current samples that are obtained with
a single multiplexed A/D converter.
The “constant delay” allpass filter provides a broad-band
delay360°–θ,whichispreciselymatchedtothediffer-
ence in sample time between the voltage and the current
of a given phase. This digital filter does not affect the
amplitude of the signal, but provides a precisely controlled
phase response.
Figure 4. Multiplexer Sequence with Neutral Channel and Remote Sensors
Figure 5. Multiplexer Sequence with Neutral Channel and Current Transformers
CK32
MUX STATE0
1
2
3
45
SETTLE
MULTIPLEXER FRAME
MUX_DIV[3:0] = 6 CONVERSIONS
S
CROSS
MUX_SYNC
S
IN
UNUSED
UNUSED
VA
VB
VC
CK32
MUX STATE0
1234
5
MUX_DIV[3:0] = 7 CONVERSIONS
SETTLE
MULTIPLEXER FRAME
S
CROSS
MUX_SYNC
S
6
IA
VA
IB
VB
IC
VC
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com