Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545HT-IGT/F Datasheet(PDF) 49 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 49 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 45Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 46Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 47Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 48Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 49Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 50Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 51Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 52Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 53Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Maxim Integrated │ 49
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Table 13. I/O RAM Locations in Alphabetical Order (continued)
NAME
LOCATION RST WK DIR
DESCRIPTION
EECTRL[7:0]
SFR 9F
0
0 R/W
Serial EEPROM interface control.
STATUS
BIT
NAME
READ/
WRITE
RESET
STATE
POLARITY
DESCRIPTION
7
ERROR
R
0
Positive
1 when an illegal command is
received.
6
BUSY
R
0
Positive
1 when serial data bus is
busy.
5
RX_ACK
R
1
Positive
1 indicates that the
EEPROM sent an ACK bit.
EQU[2:0]
2106[7:5]
0
0 R/W
Specifiesthepowerequation.
EQU[2:0]
DESCRIPTION
ELEMENT 0
ELEMENT
1
ELEMENT
2
RECOMMENDED
MUX SEQUENCE
3
2 element 4W
3f Delta
VA(IA-IB)/2
0
VC x IC
IA VA IB VB IC VC
4
2 element 4W
3f Wye
VA(IA-IB)/2
VB(IC-IB)/2
0
IA VA IB VB IC VC
5
2 element 4W
3f Wye
VA x IA
VB x IB
VC x IC
IA VA IB VB IC VC
Note: The available CE codes implement only equation 5. Contact your Maxim representative to obtain CE codes for
equation 3 or 4.
EX_XFER
EX_RTC1S
EX_RTC1M
EX_TCTEMP
EX_RTCT
EX_SPI
EX_EEX
EX_XPULSE
EX_YPULSE
EX_WPULSE
EX_VPULSE
2700[0]
2700[1]
2700[2]
2700[3]
2700[4]
2701[7]
2700[7]
2700[6]
2700[5]
2701[6]
2701[5]
0
0 R/W
Interrupt enable bits. These bits enable the XFER_BUSY, the RTC_1SEC, etc. The bits are set by hardware and
cannot be set by writing a 1. The bits are reset by writing 0. Note that if one of these interrupts is to enabled, its
corresponding 8051 EX enable bit must also be set.
EW_DIO4
28B3[2]
0
– R/W Connects DIO4 to the WAKE logic and permits DIO4 rising to wake the part. This bit has no effect unless DIO4 is
configuredasadigitalinput.
EW_DIO55
28B3[0]
0
– R/W Connects DIO55 to the WAKE logic and permits DIO55 rising to wake the part. This bit has no effect unless DIO55
isconfiguredasadigitalinput.
EW_PB
28B3[3]
0
– R/W ConnectsPBtotheWAKElogicandpermitsPBrisingtowakethepart.PBisalwaysconfiguredasaninput.
EW_RX
28B3[4]
0
– R/W Connects RX to the WAKE logic and permits RX rising to wake the part. See the WAKE description on page 84 for
de-bounce issues.
EW_TEMP
28B3[5]
0
– R/W Connects the temperature range check hardware to the WAKE logic and permits the range check hardware to wake
the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com