Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545HT-IGTR/F Datasheet(PDF) 60 Page - Maxim Integrated Products

Part # 71M6545HT-IGTR/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGTR/F Datasheet(HTML) 60 Page - Maxim Integrated Products

Back Button 71M6545HT-IGTR/F Datasheet HTML 56Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 57Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 58Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 59Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 60Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 61Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 62Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 63Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 64Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
Maxim Integrated │ 60
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Table 20. CE Pulse Generation Parameters
CE ADDRESS
NAME
DEFAULT
DESCRIPTION
0x21
WRATE
547
ACC
VMAX IMAX K
Kh
Wh / pulse
WRATE N
X
⋅⋅
=
⋅
⋅⋅
where:
K = 66.1782 (Local Sensors)
K = 109.1587 (Remote Sensor)
NACC = SUM_SAMPS[12:0] (CE RAM 0x23)
X is a factor determined by PULSE_FAST and PULSE_SLOW. See
CECONFIGdefinitionformoreinformation
The default value yields 1.0 Wh/pulse for VMAX = 600 V and IMAX = 208
A. The maximum value for WRATE is 32,768 (215).
0x22
KVAR
6444
Scale factor for VAR measurement.
0x23
SUM_SAMPS
2520
SUM_SAMPS (NACC).
0x45
APULSEW
0
Wh pulse (WPULSE) generator input to be updated by the MPU when
using external pulse generation. The output pulse rate is:
APULSEW x fS x 2-32 * WRATE x X x 2-14.
This input is buffered and can be updated by the MPU during a conversion
interval. The change takes effect at the beginning of the next interval.
0x46
WPULSE_CTR
0
WPULSE counter.
0x47
WPULSE_FRAC
0
Unsigned numerator, containing a fraction of a pulse. The value in this
register always counts up towards the next pulse.
0x48
WSUM_ACCUM
0
Roll-over accumulator for WPULSE.
0x49
APULSER
0
VARh (VPULSE) pulse generator input.
0x4A
VPULSE_CTR
0
VPULSE counter.
0x4B
VPULSE_FRAC
0
Unsigned numerator, containing a fraction of a pulse. The value in this
register always counts up towards the next pulse.
0x4C
VSUM_ACCUM
0
Roll-over accumulator for VPULSE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com