Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545HT-IGTR/F Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # 71M6545HT-IGTR/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGTR/F Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button 71M6545HT-IGTR/F Datasheet HTML 17Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 18Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 19Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 20Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 21Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 22Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 23Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 24Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
Maxim Integrated │ 21
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Pins IADC0-IADC1 can be programmed individually to be
differential or single-ended. For most applications IADC0-
IADC1 are configured as a differential input to work with
a shunt or CT directly interfaced to the IADC0-IADC1
differential input with the appropriate external signal con-
ditioning components.
The performance of the IADC0-IADC1 pins can be
enhanced by enabling a preamplifier with a fixed gain of 8.
When the PRE_E bit = 1, IADC0-IADC1 become the inputs
to the 8x preamplifier, and the output of this amplifier is
supplied to the multiplexer. The 8x amplification is useful
when current sensors with low sensitivity, such as shunt
resistors, are used. With PRE_E set, the IADC0-IADC1
input signal amplitude is restricted to 31.25 mV peak.
When shunt resistors are used as current sense ele-
ments on all current inputs, the IADC0-IADC1 pins are
configured for differential mode to interface to a local
shunt by setting the DIFFA_E control bit. Meanwhile, the
IADC2-IADC7 pins are re-configured as digital balanced
pair to communicate with a 71M6x03 isolated sensor
interface by setting the RMT_E control bit. The 71M6x03
communicates with the 71M654xT using a bidirectional
digital data stream through an isolating low-cost pulse
transformer. The 71M654xT also supplies power to the
71M6x03 through the isolating transformer.
When using current transformers the IADC2-IADC7 pins
are configured as local analog inputs (RMT_E = 0). The
IADC0-IADC1 pins cannot be configured as a remote
sensor interface.
Input Multiplexer
When operating with local sensors, the input multiplexer
sequentially applies the input signals from the analog
input pins to the input of the ADC. One complete sam-
pling sequence is called a multiplexer frame. The multi-
plexer of the 71M6545T/HT can select up to seven input
signals (three voltage inputs and four current inputs) per
multiplexer frame. The multiplexer always starts at state
1 and proceeds until as many states as determined by
MUX_DIV[3:0] have been converted.
The 71M6545T/HT requires CE code that is written for
the specific application. Moreover, each CE code requires
specific AFE and MUX settings in order to function properly.
Contact Maxim Integrated for specific information about alter-
native CE codes.
For a polyphase configuration with neutral current sens-
ing using shunt resistor current sensors and the 71M6xx3
isolated sensors, as shown in Figure 3, the IADC0-IADC1
input must be configured as a differential input, to be con-
nected to a local shunt. The local shunt connected to the
IADC0-IADC1 input is used to sense the Neutral current.
The voltage sensors (VADC8-VADC10) are also directly
connected to the 71M6545T/HT and are also routed
though the multiplexer. Meanwhile, the IADC2-IADC7
current inputs are configured as remote sensor digital
interfaces and the corresponding samples are not routed
through the multiplexer.
For a polyphase configuration with optional neutral current
sensing using Current Transformer (CTs) sensors, all four
current sensor inputs must be configured as differential
inputs. IADC2-IADC3 is connected to phase A, IADC4-
IADC5 is connected to phase B, and IADC6-IADC7
is connected to phase C. The IADC0-IADC1 current
sensor input is optionally used to sense the Neutral
current for anti-tampering purposes. The voltage sensors
(VADC8-VADC10), typically resistive dividers, are directly
connected to the 71M6545T/HT. No 71M6xx3 isolated
sensors are used in this configuration and all signals are
routed though the multiplexer.
The multiplexer sequence shown in Figure 4 corresponds
to the configuration shown in Figure 3. The frame duration
is 13 CK32 cycles (where CK32 = 32,768Hz), therefore,
the resulting sample rate is 32,768Hz/13 = 2,520.6Hz.
Note that Figure 4 only shows the currents that pass
through the 71M6545T/HT multiplexer, and does not show
the currents that are copied directly into CE RAM from the
remote sensors (see Figure 3), which are sampled during
the second half of the multiplexer frame. The two unused
conversion slots shown are necessary to produce the
desired 2,520.6Hz sample rate.
The multiplexer sequence shown in Figure 5 corresponds
to the CT configuration shown in Figure 2. Since in
this case all current sensors are locally connected to
the 71M6545T/HT, all currents are routed through the
multiplexer, as seen in Figure 2. For this multiplexer
sequence, the frame duration is 15 CK32 cycles (where
CK32 = 32,768Hz), therefore, the resulting sample rate is
32,768Hz/15 = 2,184.5Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com