Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545HT-IGTR/F Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # 71M6545HT-IGTR/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGTR/F Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button 71M6545HT-IGTR/F Datasheet HTML 26Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 27Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 28Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 29Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 30Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 31Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 32Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 33Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Maxim Integrated │ 30
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
samples are polled by the hardware. If the sample indi-
cates a pending interrupt when the interrupt is enabled,
then the interrupt request flag is set. On the next instruc-
tion cycle, the interrupt is acknowledged by hardware
forcing an LCALL to the appropriate vector address, if the
following conditions are met:
• No interrupt of equal or higher priority is already in
progress.
• An instruction is currently being executed and is not
completed.
• The instruction in progress is not RETI or any write
access to the registers IEN0, IEN1, IEN2, IP0 or IP1.
The following SFR registers control the interrupt functions:
• The interrupt enable registers: IEN0, IEN1 and IEN2.
• The Timer/Counter control registers, TCON and
T2CON.
• The interrupt request register, IRCON.
• The interrupt priority registers: IP0 and IP1.
External MPU Interrupts
The seven external interrupts are the interrupts external
to the 80515 core, i.e., signals that originate in other
parts of the 71M654xT, for example the CE, DIO, RTC, or
EEPROM interface.
The polarity of interrupts 2 and 3 is programmable in
the MPU via the I3FR and I2FR bits in T2CON (SFR
0xC8). Interrupts 2 and 3 should be programmed for
falling sensitivity (I3FR = I2FR = 0). The generic 8051
MPU literature states that interrupts 4 through 6 are
defined as rising-edge sensitive. Thus, the hardware
signals attached to interrupts 5 and 6 are inverted to
achieve the edge polarity shown in Table 9.
External interrupt 0 and 1 can be mapped to pins on the
device using DIO resource maps.
On-Chip Resources
Flash Memory
The device includes 64KB of on-chip flash memory. The
flash memory primarily contains MPU and CE program
code. It also contains images of the CE RAM and I/O
RAM. On power-up, before enabling the CE, the MPU
copies these images to their respective locations.
Flash space allocated for the CE program is limited to
4096 16-bit words (8KB). The CE program must begin
on a 1KB boundary of the flash address space. The
CE_LCTN[5:0] field defines where in flash the CE code
resides. The address of the CE program is 0bXXXX XX00
0000 0000, where XXXX XX represents one of the 64
1KB pages at which the CE program begins.
Flash memory can be accessed by the MPU and the CE
for reading, and by the SPI interface for reading or writing.
MPU/CE RAM
The 71M6545T/HT includes 5KB of static RAM memory
on-chip (XRAM) plus 256 bytes of internal RAM in the
MPU core. The static RAM is used for data storage for
both MPU and CE operations.
I/O RAM
The I/O RAM can be seen as a series of hardware reg-
isters that control basic hardware functions. I/O RAM
address space starts at 0x2000.
The 71M6545T/HT includes 128 bytes NV RAM memory
on-chip in the I/O RAM address space (addresses 0x2800
to 0x287F). This memory section is supported by the volt-
age applied at VBAT_RTC and the data in it are preserved
in BRN, LCD, and SLP modes as long as the voltage at
VBAT_RTC is within specification.
Table 9. External MPU Interrupts
EXTERNAL
INTERRUPT
CONNECTION
POLARITY
FLAG
RESET
0
Digital I/O (IE0)
Programmable
Automatic
1
Digital I/O (IE1)
Programmable
Automatic
2
CE_PULSE (IE_XPULSE, IE_YPULSE, IE_WPLUSE, IE_VPULSE)
Rising
Manual
3
CE_BUSY (IE3)
Falling
Automatic
4
VSTAT (VSTAT[2:0] changed) (IE4)
Rising
Automatic
5
EEPROM busy (falling), SPI (rising) (IE_EEX, IE_SPI)
—
Manual
6
XFER_BUSY (falling), RTC_1SEC, RTC_1MIN, RTC_T, TC_TEMP
(IE_XFER, IE_RTC1S, IE_RTC1M, IE_RTCT)
Falling
Manual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com