Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545HT-IGTR/F Datasheet(PDF) 62 Page - Maxim Integrated Products

Part # 71M6545HT-IGTR/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGTR/F Datasheet(HTML) 62 Page - Maxim Integrated Products

Back Button 71M6545HT-IGTR/F Datasheet HTML 58Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 59Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 60Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 61Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 62Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 63Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 64Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 65Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 66Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
Maxim Integrated │ 62
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Table 22. CE Calibration Parameters
CE ADDRESS
NAME
DEFAULT
DESCRIPTION
0x10
CAL_IA
16384
These constants control the gain of their respective channels. The nominal
value for each parameter is 214 = 16384. The gain of each channel is directly
proportional to its CAL parameter. Thus, if the gain of a channel is 1% slow, CAL
should be increased by 1%. Refer to the 71M6x03 Demo Board User’s Manual for
the equations to calculate these calibration parameters.
0x11
CAL_VA
16384
0x13
CAL_IB
16384
0x14
CAL_VB
16384
0x12
PHADJ_A
0
These constants control the CT phase compensation. Compensation does not
occur when PHADJ_X = 0. As PHADJ_X is increased, more compensation (lag) is
introduced. The range is P 215 – 1. If it is desired to delay the current by the angle
F
, the equations are:
20
0.02229 tan(
PHADJ_X 2
0.1487 0.0131 tan(
⋅
F)
=
−
⋅
F) at 60Hz
20
0.0155 tan(
PHADJ_X 2
0.1241 0.009695 tan(
⋅
F)
=
−
⋅
F) at 50Hz
0x15
PHADJ_B
0
0x18
PHADJ_C
0
0x12
L_COMP2_A
16384
The shunt delay compensation is obtained using the equation provided below:
where:
fS = sampling frequency
f = mains frequency
0x15
L_COMP2_B
16384
0x18
L_COMP2_C
16384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com