Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6545HT-IGTR/F Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # 71M6545HT-IGTR/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGTR/F Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button 71M6545HT-IGTR/F Datasheet HTML 5Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 6Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 7Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 8Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 9Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 10Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 11Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 12Page - Maxim Integrated Products 71M6545HT-IGTR/F Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Maxim Integrated │ 9
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Electrical Characteristics (continued)
(Limits are production tested at TA = +25ºC. Limits over the operating temperature range and relevant supply voltage range are guar-
anteed by design and characterization.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENT
VV3P3A + VV3P3SYS Supply
Current (Note 1)
VV3P3A = VV3P3SYS = 3.3V; MPU_DIV = 3 (614kHz
MPU clock); PLL_FAST = 1; PRE_E = 0
5.5
6.7
mA
PLL_FAST = 0
2.6
3.5
PRE_E = 1
5.7
6.9
PLL_FAST = 0, PRE_E=1
2.6
3.6
Dynamic Current
0.4
0.6
mA/MHz
VBAT Current
Mission mode
-300
+300
nA
Brownout mode
2.4
3.2
mA
Sleep mode
-300
+300
nA
VBAT_RTC Current
Brownout mode
400
650
nA
Sleep mode, TA≤25°C
0.7
1.7
µA
Sleep mode, TA = 85°C (Note 1)
1.5
3.2
µA
Flash Write Current
Maximumflashwriterate
7.1
9.3
mA
VV3P3D SWITCH
On-Resistance
VV3P3SYS to VV3P3D, IV3P3D≤1mA
11
Ω
VBAT to VV3P3D, IV3P3D≤1mA
11
IOH
9
mA
INTERNAL POWER FAULT COMPARATOR
Response Time
100mV overdrive, falling
20
200
µs
100mV overdrive, rising
200
Falling Threshold, 3.0V
Comparator
2.83
2.93
3.03
V
Falling Threshold, 2.8V
Comparator
2.71
2.81
2.91
V
Difference between 3.0V and
2.8V comparators
47
136
220
mV
Falling Threshold, 2.25V
Comparator
2.14
2.33
2.51
V
Falling Threshold, 2.0V
Comparator
1.90
2.07
2.23
V
Difference between 2.25V and
2.0V Comparators
0.15
0.25
0.365
V
Hysteresis
TA = +22°C
3.0V comparator
13
45
81
mV
2.8V comparator
17
42
79
2.25V comparator
7
33
71
2.0V comparator
4
28
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com