Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS48 Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # SMS48
Description  Quad Programmable Precision Supervisory Controller With Independent Resets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS48 Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMS48 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
SMS48
2088 1.1 04/10/05
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
Table 2. Configuration Register 4
DEVICE OPERATION AND CONFIGURATION REGISTERS
SUPPLY AND MONITOR FUNCTIONS
The V0, V1, V2, and V3 inputs are internally ORed so that
any one of the four can act as the device supply. The
RESET# outputs will be guaranteed true so long as one of
the four pins is at or above 1V.
Note: for performing a Read or Write operation and
to have the ability to change configuration register
contents at least one supply input must be above
2.7V.
Read/Write operations require a 0.1µF capacitor from the
VDD_CAP node to GND. For optimum performance
connect capacitors from each of the Vx inputs to GND.
Locate the capacitors as physically close to the SMS48 as
possible.
Associated with each input is a comparator with a program-
mable threshold for detection of under-voltage or over-
voltage conditions on any of the four supply inputs. The
threshold can be programmed in 5mV increments any-
where within the range of 0.6V to 1.875V or 15mV incre-
ments within the range of 1.8V to 5.625V. Configuration
registers 0, 1, 2, and 3 adjust the thresholds for V0, V1, V2,
and V3 respectively.
If the value contained in any register is all zeroes, the
corresponding threshold will be 0.6V. If the contents were
low range 05HEX the threshold would then be 0.625V [0.6V
+ (5
× 0.005V)]. All four registers are configured as 8-Bit
registers.
Table 1. Configuration Registers 0, 1, 2, and 3
RESET# FUNCTION
Each RESET# output has a programmable source for
activation. Configuration register 4 is used for enabling the
activation source. A monitor input can be programmed to
activate on either an under-voltage or over-voltage condi-
tion, but not both conditions. When this condition ceases,
each individual RESET# output will remain active for tPRTO
(programmable reset time-out). The reset threshold voltage
range for V0 to V3 can be set for 5mV increments below
1.875V (low Range = "0") or for 15mV increments above
1.8V (high range = "1") using Bits D3:0.
The RESET#0-3 outputs have two hardwired sources for
activation: the MR# input and Watchdog timer. All
RESET# outputs will remain active so long as MR# is low,
and will continue driving the RESET# outputs for tPRTO
(programmable reset time out) after MR# returns high. The
MR# input cannot be bypassed or disabled.
Refer to Figures 1, 2 and 3 for a detailed illustration of the
relationships among the affected signals.
The SMS48 provides the option of the monitors triggering
on either an under-voltage or over-voltage condition. The
low-order four bits of configuration register 5 program these
options.
WATCHDOG TIMER
The SMS48 contains an independent timer that can be
programmed. The Watchdog generates all RESET#s if it
times out. The timer is cleared by a low to high transition
on WLDI and will reset all four RESET#.
If the watchdog should time-out the device status can be
monitored in the status register (Table 4). Refer to Figure
3 which illustrates the action of RESET#0-3 with respect to
the Watchdog timer and the WLDI input.
7
D
B
S
M
6
D5
D4
D3
D2
D1
D
0
D
B
S
L
n
o
i
t
c
A
XXXX
V
3
V
2
V
1
V
0
e
l
b
a
n
E
r
e
g
g
i
r
T
T
E
S
E
R
e
g
n
a
R
d
l
o
h
s
e
r
h
T
e
g
a
tl
o
V
t
c
e
l
e
S
0000
w
o
L
e
g
n
a
R
1111
h
g
i
H
e
g
n
a
R
7
D
B
S
M
6
D5
D4
D3
D2
D1
D
0
D
B
S
L
n
o
i
t
c
A
1
1
1111
1
1
V
5
2
6
.
5
=
t
n
e
m
t
s
u
j
d
a
d
l
o
h
s
e
r
h
t
t
s
e
h
g
i
H
)
e
g
n
a
R
h
g
i
H
(
0
0
0000
0
0
V
6
.
0
=
t
n
e
m
t
s
u
j
d
a
d
l
o
h
s
e
r
h
t
t
s
e
w
o
L
)
e
g
n
a
R
w
o
L
(
0
0
000
1
1
0
6
(
+
V
6
.
0
=
d
l
o
h
s
e
r
h
T
×
V
5
2
6
.
0
=
)
V
5
0
0
.
0
)
.
g
.
e
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com