Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS48 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMS48
Description  Quad Programmable Precision Supervisory Controller With Independent Resets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS48 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMS48 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Characteristics subject to change without notice
2088 1.1 04/10/05
SMS48
SUMMIT
MICROELECTRONICS, Inc.
©SUMMIT MICROELECTRONICS, Inc., 2005 • 1717 Fox Dr. • San Jose, CA 95131 • Phone 408-436-9890 • FAX 408-436-9897 •
www.summitmicro.com
PRELIMINARY INFORMATION 1 (SEE LAST PAGE)
Operational from any of four Voltage Monitoring
Inputs
Four Independent Programmable Reset Outputs
Programmability allows monitoring any voltage
between 0.6V and 5.6V with no external
components
Programmable 5mV steps in the low range
Programmable Watchdog Timer
Programmable Reset Pulse Width
Fault Status Register
APPLICATIONS
Desktop/Notebook/TabletComputers
Multi-voltage Systems
Telecom/Network Servers
Portable Battery-powered Equipment
Set-top Boxes
Data-storage Equipment
Quad Programmable Precision Supervisory Controller With Independent
Resets
FEATURES
INTRODUCTION
The SMS48 is a highly programmable voltage supply
controller and supervisory circuit designed specifically for
advanced systems that need to monitor multiple voltages.
The SMS48 can monitor four separate voltages without the
need of any external voltage divider circuitry. This allevi-
ates the need for factory-trimmed threshold voltages and
the use of external components to accommodate different
supply voltages and tolerances.
The SMS48 has four programmable independant reset
outputs to control different devices for varying reset condi-
tions such as UV, OV, watchdog and user pushbutton
applications.
The SMS48 watchdog timer has a user programmable
time-out period and it can be placed in an idle mode for
system initialization or system debug. All of the functions
are user accessible through an industry standard I2C serial
interface.
Programming of configuration, control and calibration val-
ues by the user is simplified with the SMX3200 interface
adapter and Windows GUI software obtainable from Sum-
mit Microelectronics.
SIMPLIFIED APPLICATION DRAWING
Figure 1 - Precision Quad Power Supply Monitor can monitor any voltage over the range of 0.6V to 5.6V.
One of the four supplies must be above 2.7V to power the SMS48.
V0
V1
V2
V3
RESET#0
RESET#3
VDD_CAP
RESET#1
RESET#2
I2C
3.3V
2.5V
1.8V
1.2V
SMS48
A2
A1 SDA SCL
7
6
9
10
1
16
2
3
14
MR#
Monitored
Supplies
15
WLDI
GND
8
13
12
11
5
4
0.1µF
Vpullup (0 to +12V)
uP/DSP
ASIC/FPGA
Logic
LCD
From uP
RESET#


Similar Part No. - SMS48

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K Datasheet
641Kb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SMS4003K VBSEMI-SMS4003K Datasheet
482Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SMS4003K SECOS-SMS4003K_15 Datasheet
636Kb / 4P
N-Channel MOSFET
SMS4021-C SECOS-SMS4021-C Datasheet
323Kb / 3P
N-Channel Enhancement Mode Power MOSFET
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
Highly Programmble Voltage Supervisory Circuit
More results

Similar Description - SMS48

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMS45 SUMMIT-SMS45 Datasheet
984Kb / 20P
Quad Programmable Precision Cascade Sequencer and Supervisory Controller with 4k-Bit Nonvolatile Memory
SMS46 SUMMIT-SMS46 Datasheet
910Kb / 17P
Quad Programmable Precision Supervisory Controller With Independent Resets and 4k-Bit Nonvolatile Memory
SMS47 SUMMIT-SMS47 Datasheet
915Kb / 19P
Quad Programmable Precision Cascade Sequencer and Supervisory Controller
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
479Kb / 32P
System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
logo
ON Semiconductor
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Unisonic Technologies
3521 UTC-3521_15 Datasheet
210Kb / 6P
PWM CONTROLLER WITH SUPERVISORY CIRCUIT
logo
ON Semiconductor
N84C161 ONSEMI-N84C161 Datasheet
98Kb / 11P
Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
N84C163 ONSEMI-N84C163 Datasheet
98Kb / 11P
Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com