Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS48 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMS48
Description  Quad Programmable Precision Supervisory Controller With Independent Resets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS48 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMS48 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
SMS48
2088 1.1 04/10/05
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
SMX3200 PROGRAMMER
The end user can use the summit SMX3200 programming
cable and software that have been developed to operate
with a standard personal computer. The programming
cable interfaces directly between a PC’s parallel port and
the target application. The application’s values are entered
via an intuitive graphical user interface employing drop-
down menus.
The latest revisions of all software and an application brief
describing the SMX3200 is available from the website
(www.summitmicro.com).
DEVELOPMENT HARDWARE & SOFTWARE
The Windows GUI software will generate the data and send
it in I2C serial bus format so that it can be directly
downloaded to the SMS48 via the programming Dongle
and cable. An example of the connection interface is
shown in Figure 6.
When design prototyping is complete, the software can
generate a HEX data file that should be transmitted to
Summit for approval. Summit will then assign a unique
customer ID to the HEX code and program production
devices before the final electrical test operations. This will
ensure proper device operation in the end application.
Figure 6 - SMX3200 Programmer I2C serial bus connections to program the SMS48.
Pin 9, 5V
Pin 7, 10V
Pin 5, Reserved
Pin 3, GND
Pin 1, GND
Pin 6, MR#
Pin 4, SDA
Pin 2, SCL
Pin 8, Reserved
Pin 10, Reserved
Top view of straight 0.1" x 0.1 closed-side
connector. SMX3200 interface cable connector.
9
7
5
3
1
10
8
6
4
2
SMS48
SDA
SCL
VDD_CAP
GND
0.1
µF
MR#
D1
C1
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com