Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS48 Datasheet(PDF) 15 Page - Summit Microelectronics, Inc.

Part # SMS48
Description  Quad Programmable Precision Supervisory Controller With Independent Resets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS48 Datasheet(HTML) 15 Page - Summit Microelectronics, Inc.

Back Button SMS48 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 16Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
2088 1.1 04/11/05
SMS48
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
PACKAGE
16 PIN SSOP PACKAGE
0.007 - 0.010
(0.18 - 0.25)
0.150 - 0.157
(3.81 - 3.99)
0.025
(0.635)
0.016 - 0.050
(0.41 - 1.27)
0.008 - 0.012
(0.20 - 0.31)
0.189 - 0.197
(4.80 - 5.00)
0.228 - 0.244
(5.79 - 6.20)
Pin 1
0.004 - 0.010
(0.10 - 0.25)
0.059
(1.50)
0.053 - 0.069
(1.35 - 1.75)
MAX
16 Pin SSOP
Ref. JEDEC MO-137
Inches
(Millimeters)
0” Min to
8” Max
DEFAULT CONFIGURATION REGISTER SETTINGS - SMS48GC-370
The default device ordering number is SMS48GC-370, is programmed as described above and tested
over the commercial temperature range.
R egister
C ontents
Function
R 00
56
V0 threshold set to 3.090V
R 01
28
V1 threshold set to 2.400V
R 02
A0
V2 threshold set to 1.400V
R 03
14
V3 threshold set to 0.700V
R 04
F3
R eset T rigger source set for all channels, V0, V 1 set to high range and V2, V 3
set to low range
R 05
X 0
U pper bits are volatile status indication of input supply condition. V 0, V1, V2
and V3 set to m onitor U V U nder Voltage.
R 06
C 5
R eset tim eout set to 100m s, W atchdog T im er set to 1.6s. B its D 4 and D 3
indicate revision control.
R 07
40
C onfiguration registers are unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com