Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS48 Datasheet(PDF) 12 Page - Summit Microelectronics, Inc.

Part # SMS48
Description  Quad Programmable Precision Supervisory Controller With Independent Resets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS48 Datasheet(HTML) 12 Page - Summit Microelectronics, Inc.

Back Button SMS48 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 16Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
SMS48
2088 1.1 04/10/05
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
Figure 8 - START and STOP Conditions
Table 9. Slave Addresses
START and STOP Conditions
When both the data and clock lines are high the bus is said
to be not busy. A high-to-low transition on the data line,
while the clock is high, is defined as the Start condition.
A low-to-high transition on the data line, while the clock
is high, is defined as the Stop condition. See Figure 8.
Acknowledge (ACK)
Acknowledge is a software convention used to indicate
successful data transfers.
The transmitting device,
either the Master or the Slave, will release the bus after
transmitting eight bits. During the ninth clock cycle the
receiver will pull the SDA line low to Acknowledge that it
received the eight bits of data. The Master will leave the
SDA line high (NACK) when it terminates a read function.
The SMS48 will respond with an Acknowledge after recog-
nition of a Start condition and its slave address byte. If both
the device and a write operation are selected the SMS48
will respond with an Acknowledge after the receipt of each
subsequent 8-Bit word. In the READ mode the SMS48
transmits eight bits of data, then releases the SDA line, and
monitors the line for an Acknowledge signal. If an Acknowl-
edge is detected and no Stop condition is generated by the
Master, the SMS48 will continue to transmit data. If a
NACK is detected the SMS48 will terminate further data
transmissions and await a Stop condition before returning
to the standby power mode.
Device Addressing
Following a Start condition the Master must output the
address of the Slave it is accessing. The most significant
four bits of the Slave address are the device type
identifier/address. For the SMS48 the default is 1001BIN.
The next two bits are the Bus Address. The next bit (the
7th) is the MSB of the configuration address.
Read/Write Bit
The last bit of the data stream defines the operation to be
performed. When set to 1 a Read operation is selected;
when set to 0 a Write operation is selected.
WRITE OPERATIONS
The SMS48 uses byte Write operations. A byte Write
operation writes a single byte during the nonvolatile write
period (tWR).
Byte Write
After the Slave address is sent (to identify the Slave device
and select either a Read or Write operation), a second byte
is transmitted which contains the low order 8 bit address
of any one of the 256 words in the array. Upon receipt of
the word address the SMS48 responds with an Acknowl-
edge. After receiving the next byte of data it again
responds with an Acknowledge. The Master then termi-
nates the transfer by generating a Stop condition, at which
time the SMS48 begins the internal Write cycle. While the
internal Write cycle is in progress the SMS48 inputs are
disabled and the device will not respond to any requests
from the Master.
Acknowledge Polling
When the SMS48 is performing an internal Write operation
it will ignore any new Start conditions. Since the device will
only return an acknowledge after it accepts the Start the
part can be continuously queried until an acknowledge is
issued, indicating that the internal Write cycle is complete.
See the flow chart for the proper sequence of operations for
polling.
SCL
SDA In
START
Condition
STOP
Condition
7
D
B
S
M
6
D5
D4
D3
D2
D1
D
0
D
B
S
L
s
ti
B
s
s
e
r
d
d
A
e
p
y
T
e
c
i
v
e
Ds
u
BB
S
MW
/
R
8
4
S
M
Sx
x
x
x
10
0
1
r
e
t
s
i
g
e
R
n
o
it
a
r
u
g
if
n
o
C
I2C INTERFACE (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com