Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS48 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMS48
Description  Quad Programmable Precision Supervisory Controller With Independent Resets
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS48 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMS48 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS48 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
2088 1.1 04/11/05
SMS48
SUMMIT MICROELECTRONICS, Inc.
Preliminary Information
Table 8. I2C Operating Characteristics
Figure 7 - I2C Operating Characteristics
I2C INTERFACE
Note (1): These values are guaranteed by design.
CONFIGURATION REGISTER OPERATION
Data for the configuration registers are read and written via
an industry standard two-wire interface. The bus was
designed for two-way, two-line serial communication be-
tween different integrated circuits. The two lines are a
serial data line (SDA) and a serial clock line (SCL). The
SDA line must be connected to a positive supply by a pull-
up resistor, located somewhere on the bus. See Operating
Characteristics: Table 8 and Figure 7.
Input Data Protocol
The protocol defines any device that sends data onto the
bus as a transmitter and any device that receives data as
a receiver. The device controlling data transmission is
called the Master and the controlled device is called the
Slave. In all cases the SMS48 will be a Slave device, since
it never initiates any data transfers.
One data bit is transferred during each clock pulse. The
data on the SDA line must remain stable during clock high
time because changes on the data line while SCL is high
will be interpreted as start or stop condition.
tF
tR
tLOW
tHIGH
tHD:STA
tSU:STA
tBUF
tDH
tHD:DAT
tSU:DAT
tSU:STO
SCL
SDA In
SDA Out
tAA
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
CN
I
MP
Y
TX
A
Ms
t
i
n
U
f
L
C
S
y
c
n
e
u
q
e
r
f
k
c
o
l
c
L
C
S
00
0
1z
H
k
t
W
O
L
d
o
ir
e
p
w
o
l
k
c
o
l
C
7
.
4s
µ
t
H
G
I
H
d
o
ir
e
p
h
g
i
h
k
c
o
l
C
0
.
4s
µ
t
F
U
B
)
1
(
e
m
it
e
e
r
f
s
u
Bn
o
i
s
s
i
m
s
n
a
r
t
w
e
n
e
r
o
f
e
B7
.
4s
µ
t
A
T
S
:
U
S
e
m
it
p
u
t
e
s
n
o
it
i
d
n
o
c
t
r
a
t
S
7
.
4s
µ
t
A
T
S
:
D
H
e
m
it
d
l
o
h
n
o
it
i
d
n
o
c
t
r
a
t
S
0
.
4s
µ
t
O
T
S
:
U
S
e
m
it
p
u
t
e
s
n
o
it
i
d
n
o
c
p
o
t
S
7
.
4s
µ
t
A
A
t
u
p
t
u
o
d
il
a
v
o
t
e
g
d
e
k
c
o
l
C)
n
e
l
c
y
c
(
A
D
S
d
il
a
v
o
t
w
o
l
L
C
S2
.
05
.
3s
µ
t
H
D
e
m
it
d
l
o
h
t
u
O
a
t
a
De
g
n
a
h
c
A
D
S
o
t
)
1
+
n
e
l
c
y
c
(
w
o
l
L
C
S2
.
0s
µ
t
R
)
1
(
e
m
it
e
s
ir
A
D
S
d
n
a
L
C
S
0
0
0
1s
n
t
F
)
1
(
e
m
it
ll
a
f
A
D
S
d
n
a
L
C
S
0
0
3s
n
t
T
A
D
:
U
S
e
m
it
p
u
t
e
s
n
I
a
t
a
D
0
5
2s
n
t
T
A
D
:
D
H
e
m
it
d
l
o
h
n
I
a
t
a
D
0s
n
I
TA
D
S
d
n
a
L
C
S
r
e
tl
if
e
s
i
o
Nn
o
i
s
s
e
r
p
p
u
s
e
s
i
o
N0
0
1s
n
t
R
W
e
m
it
e
l
c
y
c
e
ti
r
W
5s
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com