Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/FIVE Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # RZ/FIVE
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/FIVE Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button RZ/FIVE Datasheet HTML 39Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 40Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 41Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 42Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 43Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 44Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 45Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 46Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 43 of 83
Jul 28, 2022
2.3
Memory
QSPI flash memory and DDR4 SDRAM are mounted on the RTK9743U11C01000BE as external memories.
Please refer to the following for details.
2.3.1
QSPI Flash Memory
Figure 2.1 shows a block diagram of the Serial Flash Memory Interface.
The QSPI flash memory is controlled by the SPI Multi I/O Bus Controller (SPIBSC) that is with built-in to the
RZ/G2UL. This memory supports both single data rate (SDR) and double data rate (DDR) transfers at 66 MHz and 50
MHz clock frequency.
NOTE
The pull-up resistor on the clock line
“RZ_QSPI0_SPCLK” is optional.
Figure 2.1
Block Diagram of Serial Flash Memory I/F
SPI_PVDD
QSPI0_SSL
QSPI0_SPCLK
QSPI0_IO0
QSPI0_IO1
QSPI0_IO2
QSPI0_IO3
RZ/G2UL, RZ/A3UL, RZ/Five
1.8V
RZ/A3UL SMARC Module Board
QSPI Edition
RZ/G2UL SMARC Module Board
RZ/Five SMARC Module Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com