Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/FIVE Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # RZ/FIVE
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/FIVE Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button RZ/FIVE Datasheet HTML 46Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 47Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 48Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 49Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 50Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 51Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 52Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 53Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 50 of 83
Jul 28, 2022
2.7
Reset Control
Figure 2.8 shows block diagrams of a reset control for the RTK9743U11S01000BE (Evaluation board Kit for
RZ/G2UL MPU).
For the RTK9743U11C01000BE, the interfaces of DDR4 SDRAM, QSPI flash memory, eMMC memory, Ethernet and
Debug are controlled by reset signal from the PMIC.
There are two types of system resets: power-on reset and reset by the button switch.
RST_#
eMMC memory
nRESET
JTAG conn
RESET_N
Ethernet PHY_0
Ethernet PHY_1
RESET#
QSPI flash memory
RESET_N
DDR4 SDRAM
RESET_IN#
RESET_BTN#
VIN
VOUT
ENABLE
PG
VIN
VOUT
ENABLE
PG
VIN
EN1
OUT1
FLT1
EN2
OUT2
FLT2
5.0V
3.3V
5.0V
1.8V
5V_BOARD
5V_PMOD
3.3V
RZ/G2UL
ISL80102
ISL80102
ISL61852
Note:
shows the Carrier Board
RESET_N
1.8V->3.3V
NRESET
DDR_RESET#
SD0_RESET#
QSPI_RESET#
PRST#
TRST#
PMIC
GNDDetect(TRST#)
PRESET#_18
WDTOVF_PERROUT#
DNF*
* You can use reset signal(TRST#) from JTAG.
If you want to use TRST# signal, please see the section2.9
SLG7RN45356
Figure 2.8
Block Diagram of Reset Control
RZ/A3UL SMARC Module Board
OCTAL Edition
RZ/A3UL SMARC Module Board
QSPI Edition
RZ/G2UL SMARC Module Board
RZ/Five SMARC Module Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com