Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/FIVE Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RZ/FIVE
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/FIVE Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RZ/FIVE Datasheet HTML 24Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 25Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 26Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 27Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 28Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 29Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 30Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 31Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 28 of 83
Jul 28, 2022
Table 2.2
List of Pin Function Selection Used on Each Module Board (4/18)
Pin
Location
Pin Name
RZ/G2UL
Pin Function
RZ/A3UL
Pin Function
RZ/Five
Pin Function
Description
SMARC
Pin No.
SMARC
Pin Name
V24
DDR_DQS0_N
DDR_DQS0_N
DDR_DQS0_N
DDR_DQS0_N
DDR4 SDRAM (IC7)
—
—
V25
DDR_DQS0_P
DDR_DQS0_P
DDR_DQS0_P
DDR_DQS0_P
DDR4 SDRAM (IC7)
—
—
AB25
DDR_DQS1_N
DDR_DQS1_N
DDR_DQS1_N
DDR_DQS1_N
DDR4 SDRAM (IC7)
—
—
AB24
DDR_DQS1_P
DDR_DQS1_P
DDR_DQS1_P
DDR_DQS1_P
DDR4 SDRAM (IC7)
—
—
M24
DDR_ODT0
DDR_ODT0
DDR_ODT0
DDR_ODT0
DDR4 SDRAM (IC7)
—
—
L25
DDR_ODT1
DDR_ODT1
DDR_ODT1
DDR_ODT1
DDR4 SDRAM (IC7)
—
—
H24
DDR_RAS#
DDR_RAS#
DDR_RAS#
DDR_RAS#
DDR4 SDRAM (IC7)
—
—
B23
DDR_RESET#
DDR_RESET#
DDR_RESET#
DDR_RESET#
DDR4 SDRAM (IC7)
—
—
H20
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR4 SDRAM (IC7)
—
—
K20
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR4 SDRAM (IC7)
—
—
M20
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR4 SDRAM (IC7)
—
—
R20
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR4 SDRAM (IC7)
—
—
U20
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR4 SDRAM (IC7)
—
—
W20
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR_VDDQ
DDR4 SDRAM (IC7)
—
—
G25
DDR_WE#
DDR_WE#
DDR_WE#
DDR_WE#
DDR4 SDRAM (IC7)
—
—
Y19
DEBUGEN
DEBUGEN
DEBUGEN
DEBUGEN
DIP_SW (SW1)
—
—
P3
PVDD182533_0
PVDD182533_0
PVDD182533_0
PVDD182533_0
Input controlling PVDD182533_0
power level with SW1-3
High: 3.3V, Low: 1.8V
—
—
Y17
PVDD182533_1
PVDD182533_1
PVDD182533_1
PVDD182533_1
1.8V
—
—
Y3
EXCLK
EXCLK
EXCLK
EXCLK
24MHz input, connected to clock
generator (IC31) for system clock
—
—
P6
VDD18
VDD18
VDD18
VDD18
1.8V
—
—
G6
MD_BOOT0
MD_BOOT0
MD_BOOT0
MD_BOOT0
Input BOOT_SEL0#, BOOT_SEL1#
and BOOT_SEL2# logic states
—
—
C5
MD_BOOT1
MD_BOOT1
MD_BOOT1
MD_BOOT1
Input BOOT_SEL0#, BOOT_SEL1#
and BOOT_SEL2# logic states
—
—
C4
MD_BOOT2
MD_BOOT2
MD_BOOT2
MD_BOOT2
Input BOOT_SEL0#, BOOT_SEL1#
and BOOT_SEL2# logic states
—
—
F20
MD_CLKS
MD_CLKS
MD_CLKS
MD_CLKS
Initial setting: 1 (Pull Up), should be
controllable by resistor.
—
—
A22
MD_OSCDRV0
MD_OSCDRV0
MD_OSCDRV0
MD_OSCDRV0
Initial setting: 0 (Pull Down), should
be controllable by resistor.
—
—
C21
MD_OSCDRV1
MD_OSCDRV1
MD_OSCDRV1
MD_OSCDRV1
Initial setting: 0 (Pull Down), should
be controllable by resistor.
—
—
AA2
NMI
NMI
NMI
NMI
Unused
—
—
B2
OM_CS1#
NC
OM_CS1#
P24_0
OctaRAM (IC3)
Note: Unused in case of
RZ/G2UL
—
—
A4
OM_DQS
NC
OM_DQS
P24_1
OctaFlash (IC2) and OctaRAM (IC3)
Note: Unused in case of
RZ/G2UL
—
—
B4
OM_SIO4
NC
OM_SIO4
P24_2
OctaFlash (IC2) and OctaRAM (IC3)
Note: Unused in case of
RZ/G2UL
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com