Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/FIVE Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RZ/FIVE
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/FIVE Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RZ/FIVE Datasheet HTML 5Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 6Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 7Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 8Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 9Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 10Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 11Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 12Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
1. Overview
R01UH0990EJ0101
Rev.1.01
Page 9 of 83
Jul 28, 2022
1.3
Features
1.3.1
RTK9743U11C01000BE (RZ/G2UL SMARC Module Board)
Table 1.1 shows the features of the RTK9743U11C01000BE.
Table 1.1
Features of the RTK9743U11C01000BE
Item
Details
CPU
RZ/G2UL
Input (Xin) clock: 24MHz
Arm Cortex-A55 clock: 1.0GHz
Arm Cortex-M33 clock: 200MHz
AXI-bus clock: 200MHz
APB-bus clock: 100MHz
Internal memory
Instruction cache: 32KB
Data cache: 32KB
Power voltage: 1.1V, I/O: 3.3V
361-Pin PBGA 0.5-mm pitch
Memory
QSPI flash memory: 128Mb * 1pc
DDR4 SDRAM: 1GB * 1pc
eMMC memory: 64GB * 1pc
Clock IC
Clock generator: 1pc
Ethernet IC
Ethernet PHY: 2pcs
Connector
microSD card slot (4 bits): 1pc
10-pin connector for JTAG: 1pc
6-pin connector for ADC: 1pc
SMARC edge connector (314 pins): 1pc
FFC/FPC connector (45pin): 1pc
Switch
System setting DIP switch: 3 bits
Circuit board specifications
Dimensions: 82 mm * 50 mm
Mount: Double-sided mounting (6 layers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com