Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/FIVE Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # RZ/FIVE
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/FIVE Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button RZ/FIVE Datasheet HTML 68Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 69Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 70Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 71Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 72Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 73Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 74Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 75Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
4. Parallel to HDMI Converision Board
R01UH0990EJ0101
Rev.1.01
Page 72 of 83
Jul 28, 2022
4.2
Features
Table 4.1 shows the features of the Parallel to HDMI Conversion Board.
Table 4.1
Features of the Parallel to HDMI Conversion Board
Item
Details
Video IC
HDMI transceiver: 1pc
Connector
FFC/FPC connector (45pin): 1pc
microHDMI connector: 1pc
Circuit board specifications
Dimensions: 20 mm * 40 mm
Mount: Single-sided mounting (6 layers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com