Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/FIVE Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RZ/FIVE
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/FIVE Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RZ/FIVE Datasheet HTML 19Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 20Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 21Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 22Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 23Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 24Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 25Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 26Page - Renesas Technology Corp RZ/FIVE Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 23 of 83
Jul 28, 2022
2.
Functional Specifications
2.1
Overview of Functions
Table 2.1 lists function modules of the RTK9743U11C01000BE.
Table 2.1
Function Modules of the RTK9743U11C01000BE
Section
Function
Description
2.2
MPU
RZ/G2UL
Input (Xin) clock: 24MHz
Arm Cortex-A55 clock: 1.0GHz
Arm Cortex-M33 clock: 200MHz
AXI-bus clock: 200MHz
APB-bus clock: 100MHz
2.3
Memory
QSPI flash memory: 128Mb * 1pc (*1)
DDR4 SDRAM: 1GB * 1pc
eMMC memory: 64GB * 1pc (See section 2.11 for details.)
OctaRAM memory: 512Mb *1pc (*2)
OctaFLASH memory: 1Gb * 1pc (*2)
2.4
Gigabit Ethernet
Interface
Connection between the Ethernet controller (E-MAC) and LAN connector via Ethernet PHY
2.5
ADC Interface
Connection between ADC module and connector
2.6
Clock Configuration
System clock configuration
2.7
Reset Control
Reset control for RZ/G2UL mounted on the RTK9743U11C01000BE.
2.8
Power Supply
Configuration
System power supply configuration of the RTK9743U11C01000BE and the
RTK97X4XXXB00000BE
2.9
PMIC
Connection between RZ/G2UL and PMIC
2.10
Debug Interface
Connection between Debug Interface and connector
2.11
SD/MMC Host Interface
Connection between SD/MMC Host Interface (SDHI) channel 0 and microSD card slot
2.12
GreenPAK
SLG7RN45314(Boot Mode): 1pc
SLG7RN45315(USB/Etehrnet Logic): 1pc
SLG7RN45356(Power/Reset): 1pc
2.13 (*3)
Parallel Output Interface
Connection between Parallel Output Interface and connector
—
Operating specification
Connectors and switches
Details are described in Section 3
Note 1.
The QSPI flash memoy is not supported on the RTK9763U02C01001BE.
Note 2.
The OctaFlash and Octa RAM memories are supported on the RTK9763U02C01001BE.
Note 3.
The parallel output interface is not supported on the RTK9743F01C01000BE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com