Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/G Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RZ/G
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RZ/G Datasheet HTML 35Page - Renesas Technology Corp RZ/G Datasheet HTML 36Page - Renesas Technology Corp RZ/G Datasheet HTML 37Page - Renesas Technology Corp RZ/G Datasheet HTML 38Page - Renesas Technology Corp RZ/G Datasheet HTML 39Page - Renesas Technology Corp RZ/G Datasheet HTML 40Page - Renesas Technology Corp RZ/G Datasheet HTML 41Page - Renesas Technology Corp RZ/G Datasheet HTML 42Page - Renesas Technology Corp RZ/G Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 39 of 83
Jul 28, 2022
Table 2.2
List of Pin Function Selection Used on Each Module Board (15/18)
Pin
Location
Pin Name
RZ/G2UL
Pin Function
RZ/A3UL
Pin Function
RZ/Five
Pin Function
Description
SMARC
Pin No.
SMARC
Pin Name
A20
RIIC1_SDA
RIIC1_SDA
RIIC1_SDA
RIIC1_SDA
Connected to 45pin FFC/FPC
connector
Carrier Board Connector, connected
to PMOD1 connector (J2) and Audio
Codec (IC2)
S39
I2C_GP_
DAT
G1
SD0_CLK
SD0_CLK
SD0_CLK
SD0_CLK
eMMC Memory (IC6) or microSD
card slot (CN3)
—
—
E2
SD0_CMD
SD0_CMD
SD0_CMD
SD0_CMD
eMMC Memory (IC6) or microSD
card slot (CN3)
—
—
F1
SD0_DATA0
SD0_DATA0
SD0_DATA0
SD0_DATA0
eMMC Memory (IC6) or microSD
card slot (CN3)
—
—
H3
SD0_DATA1
SD0_DATA1
SD0_DATA1
SD0_DATA1
eMMC Memory (IC6) or microSD
card slot (CN3)
—
—
F2
SD0_DATA2
SD0_DATA2
SD0_DATA2
SD0_DATA2
eMMC Memory (IC6) or microSD
card slot (CN3)
—
—
D2
SD0_DATA3
SD0_DATA3
SD0_DATA3
SD0_DATA3
eMMC Memory (IC6) or microSD
card slot (CN3)
—
—
E1
SD0_DATA4
SD0_DATA4
SD0_DATA4
SD0_DATA4
eMMC Memory (IC6)
—
—
D1
SD0_DATA5
SD0_DATA5
SD0_DATA5
SD0_DATA5
eMMC Memory (IC6)
—
—
E3
SD0_DATA6
SD0_DATA6
SD0_DATA6
SD0_DATA6
eMMC Memory (IC6)
—
—
F3
SD0_DATA7
SD0_DATA7
SD0_DATA7
SD0_DATA7
eMMC Memory (IC6)
—
—
G3
SD0_PVDD
SD0_PVDD
SD0_PVDD
SD0_PVDD
1.8/3.3V
—
—
C1
SD0_RST#
SD0_RST#
SD0_RST#
SD0_RST#
eMMC Memory (IC6)
—
—
G2
SD1_CLK
SD1_CLK
SD1_CLK
SD1_CLK
Carrier Board Connector, connected
to microSD card slot (CN10) for SD1
P36
SD1_CLK
H6
SD1_CMD
SD1_CMD
SD1_CMD
SD1_CMD
Carrier Board Connector, connected
to microSD card slot (CN10) for SD1
P34
SD1_CMD
H2
SD1_DATA0
SD1_DATA0
SD1_DATA0
SD1_DATA0
Carrier Board Connector, connected
to microSD card slot (CN10) for SD1
P39
SDIO_D0
J3
SD1_DATA1
SD1_DATA1
SD1_DATA1
SD1_DATA1
Carrier Board Connector, connected
to microSD card slot (CN10) for SD1
P40
SDIO_D1
J1
SD1_DATA2
SD1_DATA2
SD1_DATA2
SD1_DATA2
Carrier Board Connector, connected
to microSD card slot (CN10) for SD1
P41
SDIO_D2
J2
SD1_DATA3
SD1_DATA3
SD1_DATA3
SD1_DATA3
Carrier Board Connector, connected
to microSD card slot (CN10) for SD1
P42
SDIO_D3
K3
SD1_PVDD
SD1_PVDD
SD1_PVDD
SD1_PVDD
1.8/3.3V
—
—
C8
SPI_PVDD
SPI_PVDD
SPI_PVDD
SPI_PVDD
1.8V
—
—
U2
TCK/SWDCLK
TCK/SWDCLK
TCK/SWDCLK
TCK/SWDCLK
JTAG Connector (CN2)
—
—
W1
TDI
TDI
TDI
TDI
JTAG Connector (CN2)
—
—
V2
TDO
TDO
TDO
TDO
JTAG Connector (CN2)
—
—
AD22
VSS
VSS
VSS
VSS
GND
—
—
U1
TMS/SWDIO
TMS/SWDIO
TMS/SWDIO
TMS/SWDIO
JTAG Connector (CN2)
—
—
V1
TRST#
TRST#
TRST#
TRST#
JTAG Connector (CN2)
—
—
AC9
USB_VDD18
USB_VDD18
USB_VDD18
USB_VDD18
1.8V
—
—
AC8
USB_RREF
USB_RREF
USB_RREF
USB_RREF
Connected to 1.8k
Ω to GND
—
—
AC4
USB_VDD18
USB_VDD18
USB_VDD18
USB_VDD18
1.8V
—
—
AC5
USB_VDD18
USB_VDD18
USB_VDD18
USB_VDD18
1.8V
—
—
Y7
USB_VDD33
USB_VDD33
USB_VDD33
USB_VDD33
3.3V
—
—
Y8
USB_VDD33
USB_VDD33
USB_VDD33
USB_VDD33
3.3V
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com