Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/G Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # RZ/G
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button RZ/G Datasheet HTML 21Page - Renesas Technology Corp RZ/G Datasheet HTML 22Page - Renesas Technology Corp RZ/G Datasheet HTML 23Page - Renesas Technology Corp RZ/G Datasheet HTML 24Page - Renesas Technology Corp RZ/G Datasheet HTML 25Page - Renesas Technology Corp RZ/G Datasheet HTML 26Page - Renesas Technology Corp RZ/G Datasheet HTML 27Page - Renesas Technology Corp RZ/G Datasheet HTML 28Page - Renesas Technology Corp RZ/G Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 25 of 83
Jul 28, 2022
2.2.4
List of Pin Functions
As described in the section1.1, RZ/G2UL is available in pin-compatible with RZ/A3UL and RZ/Five.
Table 2.2 lists pin functions of each product used in each Module Board.
Table 2.2
List of Pin Function Selection Used on Each Module Board (1/18)
Pin
Location
Pin
Name
RZ/G2UL
Pin Function
RZ/A3UL
Pin Function
RZ/Five
Pin Function
Description
SMARC
Pin No.
SMARC
Pin Name
F17
ADC_AVDD18
ADC_AVDD18
ADC_AVDD18
NC
1.8V
Note: Unused in case of
RZ/Five
—
—
B18
ADC_CH0
ADC_CH0
ADC_CH0
NC
Pin connector (CN1) for ADC input
Note: Unused in case of
RZ/Five
—
—
A18
ADC_CH1
ADC_CH1
ADC_CH1
NC
Pin connector (CN1) for ADC input
Note: Unused in case of
RZ/Five
—
—
A9
AUDIO_CLK1
AUDIO_CLK1
AUDIO_CLK1
AUDIO_CLK1
Connected to clock generator (IC31),
used as CD sampling rate 44.1KHz
refclock 11.2896 MHz
—
—
B8
AUDIO_CLK2
AUDIO_CLK2
AUDIO_CLK2
AUDIO_CLK2
Connected to clock generator (IC31),
used as DVD sampling rate 48.0KHz
refclock 12.2880MHz
—
—
AE22
BSCANP
BSCANP
BSCANP
BSCANP
Initial setting: 0 (Pull down), should
be controllable by resistor.
—
—
AD21
VSS
VSS
VSS
VSS
GND
—
—
AE11
CSI_CLKN
CSI_CLKN
CSI_CLKN
NC
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
Note: Unused in case of
RZ/Five
P4
CSI1_CK-
AD11
CSI_CLKP
CSI_CLKP
CSI_CLKP
NC
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
Note: Unused in case of
RZ/Five
P3
CSI1_CK+
AE12
CSI_DATA0_N
CSI_DATA0_N
CSI_DATA0_N
NC
Carrier Board Connector, connected
to 24pin FFC/FPC connector for
MIPI-CSI (CN1)
Note: Unused in case of
RZ/Five
P8
CSI1_RX0-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com