Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/G Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # RZ/G
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button RZ/G Datasheet HTML 60Page - Renesas Technology Corp RZ/G Datasheet HTML 61Page - Renesas Technology Corp RZ/G Datasheet HTML 62Page - Renesas Technology Corp RZ/G Datasheet HTML 63Page - Renesas Technology Corp RZ/G Datasheet HTML 64Page - Renesas Technology Corp RZ/G Datasheet HTML 65Page - Renesas Technology Corp RZ/G Datasheet HTML 66Page - Renesas Technology Corp RZ/G Datasheet HTML 67Page - Renesas Technology Corp RZ/G Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
3. Operation Specifications
R01UH0990EJ0101
Rev.1.01
Page 64 of 83
Jul 28, 2022
3.1.5
FFC/FPC Connector(CN5)
The RTK9743U11C01000BE contains a FFC/FPC Connector for the Parallel Output Interface (CN5).
Figure 3.6 illustrates the layout of the connector pins. Table 3.4 shows the assignment of the connector pins.
Figure 3.6
FFC/FPC Connector (CN5) Pin Layout Diagram
Table 3.4
FFC/FPC Connector (CN5) Pin Layout Table
Pin
Signal Name
Pin
Signal Name
1
RIIC1_SDA
24
DISP_DATA17
2
RIIC1_SCL
25
DISP_DATA16
3
5.0V
26
DISP_DATA15
4
DISP_INT
27
DISP_DATA14
5
VSS
28
DISP_DATA13
6
1.8V
29
DISP_DATA12
7
1.8V
30
DISP_DATA11
8
1.8V
31
DISP_DATA10
9
1.8V
32
DISP_DATA9
10
VSS
33
DISP_DATA8
11
3.3V
34
DISP_DATA7
12
DISP_DE
35
DISP_DATA6
13
DISP_VSYNC
36
DISP_DATA5
14
DISP_HSYNC
37
DISP_DATA4
15
VSS
38
DISP_DATA3
16
DISP_CLK
39
DISP_DATA2
17
VSS
40
DISP_DATA1
18
DISP_DATA23
41
DISP_DATA0
19
DISP_DATA22
42
3.3V
20
DISP_DATA21
43
3.3V
21
DISP_DATA20
44
VSS
22
DISP_DATA19
45
VSS
23
DISP_DATA18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com