Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/G Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RZ/G
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RZ/G Datasheet HTML 17Page - Renesas Technology Corp RZ/G Datasheet HTML 18Page - Renesas Technology Corp RZ/G Datasheet HTML 19Page - Renesas Technology Corp RZ/G Datasheet HTML 20Page - Renesas Technology Corp RZ/G Datasheet HTML 21Page - Renesas Technology Corp RZ/G Datasheet HTML 22Page - Renesas Technology Corp RZ/G Datasheet HTML 23Page - Renesas Technology Corp RZ/G Datasheet HTML 24Page - Renesas Technology Corp RZ/G Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
1. Overview
R01UH0990EJ0101
Rev.1.01
Page 21 of 83
Jul 28, 2022
Table 1.5 and Table 1.6 list main components mounted on the RTK9743U11C01000BE.
Table 1.5
Main Components on the RTK9743U11C01000BE (1) IC
Component Number
Component Name
Type (Manufacturer)
IC1
MPU
R9A07G043U11GBG
(Renesas Electronics)
IC2(*1)
OctaFLASH Memory
MX66UW1G45GXDQ00
(Macronix)
IC3(*1)
OctaRAM Memory
APS51208N-OCHx-BD
(AP Memory)
IC4
Data switch IC
MAX4996LETG+
(MAXIM)
IC5
GreenPAK for Power/Reset
SLG7RN45356
(Renesas Electronics)
IC6
eMMC memory
MTFC64GASAQHD-IT
(Micron)
IC7
DDR4 SDRAM
MT40A512M16LY-062E:E
(Micron)
IC8
GreenPAK for USB/Ethernet Logic
SLG7RN45315
(Renesas Electronics)
IC9
QSPI flash memory
AT25QL128A_MHE
(Renesas Electronics)
IC10, IC19
IC20, IC21
Quad SPDT Switch IC
STG3692QTR
(STMicroelectronics)
IC11
PMIC
DA9062
(Renesas Electronics)
IC12
DDR Termination Regulator
NCP51200MNTXG
(On Semiconductor)
IC14
GreenPAK for Boot Mode
SLG7RN45314
(Renesas Electronics)
IC22
Ethernet PHY
KSZ9131RNXC
(Microchip)
IC23
Ethernet PHY
KSZ9131RNXC
(Microchip)
IC31
Clock generator
5P35023B-629NLGI
(Renesas Electronics)
X1
Crystal resonator for XIN
FL2400022
(Diodes Inc)
Note 1.
The RTK9743U11C01000BE is not implemented.
Table 1.6
Main Components on the RTK9743U11C01000BE (2) Connector
Components Number
Component Name
Type (Manufacturer)
CN1
ADC connector
(6pin)
M22-5320305
(HARWIN)
CN2
JTAG connector
(10pin)
FTSH-105-01-F-DV-007-K
(Samtec)
CN3
microSD card slot
504077-1891
(Molex)
CN4
SMARC edge connector
(314pin)
CN5
FFC/FPC connector
(45pin)
FH23-45S-0.3SHAW(05)
(HIROSE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com