Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/G Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # RZ/G
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button RZ/G Datasheet HTML 18Page - Renesas Technology Corp RZ/G Datasheet HTML 19Page - Renesas Technology Corp RZ/G Datasheet HTML 20Page - Renesas Technology Corp RZ/G Datasheet HTML 21Page - Renesas Technology Corp RZ/G Datasheet HTML 22Page - Renesas Technology Corp RZ/G Datasheet HTML 23Page - Renesas Technology Corp RZ/G Datasheet HTML 24Page - Renesas Technology Corp RZ/G Datasheet HTML 25Page - Renesas Technology Corp RZ/G Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
1. Overview
R01UH0990EJ0101
Rev.1.01
Page 22 of 83
Jul 28, 2022
1.7
Absolute Maximum Ratings
Table 1.7 lists absolute maximum ratings of the RTK9743U11C01000BE.
Table 1.7
Absolute Maximum Ratings of the RTK9743U11C01000BE
Symbol
Item
Rated Value
Note
VDD_IN
power voltage
5.25V
Reference: Vss
—
Maximum power consumption 3A
Includes continuous RZ SMARC Series Carrier Board current
consumption
Topr
Operating ambient
temperature*1
0°C to 50°C
Do not expose to condensation or corrosive gases
Tstg
Storage temperature*1
-10°C to 60°C
Do not expose to condensation or corrosive gases
Note 1.
Ambient temperature is the air temperature at a position as close to the board as possible.
1.8
Operating Condition
Table 1.8 lists operating conditions of the RTK9743U11C01000BE.
Table 1.8
Operating Conditions of the RTK9743U11C01000BE
Symbol
Item
Rated Value
Note
VDD_IN
Power volotage
3.0V to 5.25V
Reference: SMARC v2.1 specification
Topr
Operating ambient
temperature*1
0°C to 40°C
Do not expose to condensation or corrosive gases
Note 1.
Ambient temperature is the air temperature at a position as close to the board as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com