Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZ/G Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # RZ/G
Description  RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button RZ/G Datasheet HTML 41Page - Renesas Technology Corp RZ/G Datasheet HTML 42Page - Renesas Technology Corp RZ/G Datasheet HTML 43Page - Renesas Technology Corp RZ/G Datasheet HTML 44Page - Renesas Technology Corp RZ/G Datasheet HTML 45Page - Renesas Technology Corp RZ/G Datasheet HTML 46Page - Renesas Technology Corp RZ/G Datasheet HTML 47Page - Renesas Technology Corp RZ/G Datasheet HTML 48Page - Renesas Technology Corp RZ/G Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 83 page
background image
RZ Family / RZ/G, RZ/A Series
2. Functional Specifications
R01UH0990EJ0101
Rev.1.01
Page 45 of 83
Jul 28, 2022
2.3.3
Octa Peripheral Interface
Figure 2.3 shows a block diagram of the Octa Periphral interface.
The OctaRAM and OctaFlash memory are controlled by the Octa Memory Controller that is with built-in to the
RZ/A3UL. These memories support both single data rate (SOPI: Single Octa I/O) and double data rate (DOPI: Double
Octa I/O) transfers at 100 MHz clock frequency.
Figure 2.3
Block Diagram of Octa Peripheral I/F
SPI_PVDD
QSPI_RESET#
QSPI0_SSL
OM_DQS
QSPI0_SPCLK
QSPI0_IO0
QSPI0_IO1
QSPI0_IO2
QSPI0_IO3
OM_SIO4
OM_SIO5
OM_SIO6
OM_SIO7
RZ/A3UL
OM_CS1#
RZ/A3UL
1.8V
1.8V
RZ/A3UL SMARC Module Board
OCTAL Edition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com