Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TL Datasheet(PDF) 56 Page - Microchip Technology

Part # MPFS250TL
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL Datasheet(HTML) 56 Page - Microchip Technology

Back Button MPFS250TL Datasheet HTML 52Page - Microchip Technology MPFS250TL Datasheet HTML 53Page - Microchip Technology MPFS250TL Datasheet HTML 54Page - Microchip Technology MPFS250TL Datasheet HTML 55Page - Microchip Technology MPFS250TL Datasheet HTML 56Page - Microchip Technology MPFS250TL Datasheet HTML 57Page - Microchip Technology MPFS250TL Datasheet HTML 58Page - Microchip Technology MPFS250TL Datasheet HTML 59Page - Microchip Technology MPFS250TL Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
Unit
–1
STD
Standard
Mbps
1066
1066
HSTL135II
Mbps
1066
1066
HSTL135I (differential)
Mbps
1066
1066
HSTL135II (differential)
Mbps
400
400
HSUL18I
Mbps
400
400
HSUL18II
Mbps
400
400
HSUL18I (differential)
Mbps
400
400
HSUL18II (differential)
Mbps
1333
1066
HSUL12I
Mbps
1333
1066
HSUL12I (differential)
Mbps
1266
1066
HSTL12I
Mbps
1266
1066
HSTL12II
Mbps
1266
1066
HSTL12I (differential)
Mbps
1266
1066
HSTL12II (differential)
Mbps
1600
1333
POD12I
Mbps
1600
1333
POD12II
Mbps
500
500
LVCMOS18 (12 mA)
Mbps
500
500
LVCMOS15 (10 mA)
Mbps
300
250
LVCMOS12 (8 mA)
Table 62 • GPIO Maximum Output Buffer Speed
Unit
–1
STD
Standard
Mbps
1250
1250
LVDS25/LCMDS25
Mbps
1600
1250
LVDS33/LCMDS33
Mbps
800
800
RSDS25
Mbps
800
800
MINILVDS25
Mbps
800
800
SUBLVDS25
Mbps
800
800
PPDS25
Mbps
500
500
SLVSE15
Mbps
500
500
BUSLVDSE25
52
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com