Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TL Datasheet(PDF) 85 Page - Microchip Technology

Part # MPFS250TL
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL Datasheet(HTML) 85 Page - Microchip Technology

Back Button MPFS250TL Datasheet HTML 81Page - Microchip Technology MPFS250TL Datasheet HTML 82Page - Microchip Technology MPFS250TL Datasheet HTML 83Page - Microchip Technology MPFS250TL Datasheet HTML 84Page - Microchip Technology MPFS250TL Datasheet HTML 85Page - Microchip Technology MPFS250TL Datasheet HTML 86Page - Microchip Technology MPFS250TL Datasheet HTML 87Page - Microchip Technology MPFS250TL Datasheet HTML 88Page - Microchip Technology MPFS250TL Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 128 page
background image
Condition
Unit
Max
Typ
Min
Symbol
Parameter
tect range set-
ting= high)
9,10
Setting= 4
mV
340
155
Setting= 5
mV
365
180
Setting= 6
mV
375
195
Setting= 7
mV
385
210
Setting= PCIe
3, 7
mV
175
65
VDETLOW
Loss-of-signal
detect (peak de-
tect range set-
ting=low)
9,10
Setting= SATA
4,
8
mV
190
95
Setting= 1
mV
170
75
Setting= 2
mV
185
95
Setting= 3
mV
190
100
Setting= 4
mV
210
140
Setting= 5
mV
240
155
Setting= 6
mV
245
165
Setting= 7
mV
250
170
>8.5 Gbps –12.7
Gbps
5, 11
UI
0.34
TSJTOL
Sinusoidal jitter
tolerance
>8.0–8.5 Gbps
5
UI
0.43
>3.2–8.0 Gbps
5
UI
0.45
>1.6 to 3.2 G-
bps
5
UI
0.45
>0.8 to 1.6 G-
bps
5
UI
0.42
250 to 800 M-
bps
5
UI
0.41
3.125 Gbps
5
UI
0.65
TTJTOLSE
Total jitter toler-
ance with
stressed eye
6.25 Gbps
6
UI
0.65
10.3125 Gbps
6
UI
0.7
12.7 Gbps
6, 11
UI
0.7
3.125 Gbps
5
UI
0.1
TSJTOLSE
Sinusoidal jitter
tolerance with
stressed eye
6.25 Gbps
6
UI
0.05
10.3125 Gbps
6
UI
0.05
81
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com