Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TL Datasheet(PDF) 95 Page - Microchip Technology

Part # MPFS250TL
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL Datasheet(HTML) 95 Page - Microchip Technology

Back Button MPFS250TL Datasheet HTML 91Page - Microchip Technology MPFS250TL Datasheet HTML 92Page - Microchip Technology MPFS250TL Datasheet HTML 93Page - Microchip Technology MPFS250TL Datasheet HTML 94Page - Microchip Technology MPFS250TL Datasheet HTML 95Page - Microchip Technology MPFS250TL Datasheet HTML 96Page - Microchip Technology MPFS250TL Datasheet HTML 97Page - Microchip Technology MPFS250TL Datasheet HTML 98Page - Microchip Technology MPFS250TL Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 128 page
background image
6.6.13
HiGig and HiGig+
The following table describes HiGig and HiGig+.
Table 111 • HiGig and HiGig+
Unit
Max
Min
Condition
Data Rate
Parameter
UI
0.35
Near-end
3.75 Gbps
Total transmit jitter
UI
0.55
Far-end
3.75 Gbps
UI
0.65
3.75 Gbps
Receive jitter toler-
ance
6.6.14
HiGig II
The following table describes HiGig II.
Table 112 • HiGig II
Unit
Max
Min
Condition
Data Rate
Parameter
UI
0.35
Near-end
6.875 Gbps
Total transmit jitter
UI
0.55
Far-end
6.875 Gbps
UI
0.65
6.875 Gbps
Receive jitter toler-
ance
6.6.15
Firewire IEEE 1394
The following table describes Firewire.
Table 113 • FireWire IEEE1394
Unit
Max
Min
Condition
Data Rate
Parameter
ps
557
S400 Near-end
393.22 Mbps
Total transmit jitter
ps
200
S800 Near-end
786.43 Mbps
ps
1025
S400
393.22 Mbps
Receive jitter toler-
ance
ps
375
S800
786.43 Mbps
6.7
Non-Volatile Characteristics
The following section describes non-volatile characteristics.
6.7.1
FPGA Programming Cycle and Retention
The following table describes FPGA programming cycle and retention.
91
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com