Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TL Datasheet(PDF) 68 Page - Microchip Technology

Part # MPFS250TL
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL Datasheet(HTML) 68 Page - Microchip Technology

Back Button MPFS250TL Datasheet HTML 64Page - Microchip Technology MPFS250TL Datasheet HTML 65Page - Microchip Technology MPFS250TL Datasheet HTML 66Page - Microchip Technology MPFS250TL Datasheet HTML 67Page - Microchip Technology MPFS250TL Datasheet HTML 68Page - Microchip Technology MPFS250TL Datasheet HTML 69Page - Microchip Technology MPFS250TL Datasheet HTML 70Page - Microchip Technology MPFS250TL Datasheet HTML 71Page - Microchip Technology MPFS250TL Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 128 page
background image
10. Period jitter is measured at the output of the device using HSUL12 output buffers and includes the jitter
effects of the reference clock source, PLL, clock routing networks, and output buffer. PLL is configured
with internal feedback enabled and in integer mode. FPGA fabric is active during testing (75% utilization).
Note: In order to meet all datasheet specifications, the PLL must be programmed such that the PLL Loop
Bandwidth < (0.0017 * VCO Frequency) – 0.4863 MHz. The Libero PLL configuration tool will enforce this
rule when creating PLL configurations.
6.3.3
DLL
The following table provides information about DLL.
Table 75 • DLL Electrical Characteristics
Unit
Max
Typ
Min
Symbol
Parameter
1
MHz
800
133
FINF
Input reference
clock frequency
MHz
800
133
FINFDBF
Input feedback
clock frequency
MHz
800
133
FOUTPF
Primary output
clock frequency
MHz
800
33.3
FOUTSF
Secondary output
clock frequency
2
ps
200
FINJ
Input clock cycle-
to-cycle jitter
ps
Max (250 ps, 15%
of clock period)
TOUTJITTERCC
Output clock cycle-
to-cycle jitter (with
clean input clock)
ps
Max (300 ps, 20%
of clock period)
TOUTJITTERP
Output clock period
jitter (with clean in-
put clock)
ps
±150
TSKEW
Output clock-to-
clock skew be-
tween two outputs
with the same
phase settings
Reference clock cy-
cles
16K
16
TLOCK
DLL lock time
ns
3
TMRPW
Minimum reset
pulse width
ns
20
TMIPW
Minimum input
pulse width
3
ps
400
TMPWH
Minimum input
clock pulse width
high
ps
400
TMPWL
Minimum input
clock pulse width
low
64
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com