Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TL Datasheet(PDF) 77 Page - Microchip Technology

Part # MPFS250TL
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TL Datasheet(HTML) 77 Page - Microchip Technology

Back Button MPFS250TL Datasheet HTML 73Page - Microchip Technology MPFS250TL Datasheet HTML 74Page - Microchip Technology MPFS250TL Datasheet HTML 75Page - Microchip Technology MPFS250TL Datasheet HTML 76Page - Microchip Technology MPFS250TL Datasheet HTML 77Page - Microchip Technology MPFS250TL Datasheet HTML 78Page - Microchip Technology MPFS250TL Datasheet HTML 79Page - Microchip Technology MPFS250TL Datasheet HTML 80Page - Microchip Technology MPFS250TL Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 128 page
background image
For DC input levels, see table DC Input and Output Levels.
Note: Generally, Hysteresis = Off is recommended. In extremely high noise systems with degraded reference
clock input, Hysteresis = On may improve results.
6.5.4
Transmitter Performance
The following tables describe performance of the transmitter.
Table 85 • Transceiver Reference Clock Input Termination
Unit
Max
Typ
Min
Symbol
Parameter
Ω
50
RefTerm
Single-ended termi-
nation
Ω
75
RefTerm
Single-ended termi-
nation
Ω
150
RefTerm
Single-ended termi-
nation
Ω
115
1
RefDiffTerm
Differential termina-
tion
Ω
>50K
Power-up termina-
tion
1. Measured at VCM= 1.2 V and VID= 350 mV.
Note: All pull-ups are disabled at power-up to allow hot plug capability.
The following tables describe the PolarFire SoC Transceiver User Interface Clocks
Note: Until specified, all modes are non-deterministic. For more information, see UG0677: PolarFire FPGA
Transceiver User Guide.
Table 86 • Transceiver TX_CLK Range (Nondeterministic PCS Mode with Global or Regional Fabric Clocks)
Unit
–1 Max
–1 Min
STD Max
STD Min
Mode
MHz
200
200
8-bit, max data rate
= 1.6 Gbps
MHz
160
160
10-bit, max data
rate = 1.6 Gbps
MHz
300
300
16-bit, max data
rate = 4.8 Gbps
MHz
300
300
20-bit, max data
rate = 6.0 Gbps
MHz
325
325
32-bit, max data
rate = 10.3125 G-
bps (–STD) / 12.7
Gbps (–1)
1
MHz
320
260
40-bit, max data
rate = 10.3125 G-
bps (–STD) / 12.7
Gbps (–1)
1
73
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com